Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95P02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST95P02
Description  SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P02 Datasheet(HTML) 1 Page - STMicroelectronics

  ST95P02 Datasheet HTML 1Page - STMicroelectronics ST95P02 Datasheet HTML 2Page - STMicroelectronics ST95P02 Datasheet HTML 3Page - STMicroelectronics ST95P02 Datasheet HTML 4Page - STMicroelectronics ST95P02 Datasheet HTML 5Page - STMicroelectronics ST95P02 Datasheet HTML 6Page - STMicroelectronics ST95P02 Datasheet HTML 7Page - STMicroelectronics ST95P02 Datasheet HTML 8Page - STMicroelectronics ST95P02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AI01256
S
VCC
ST95P02
HOLD
VSS
W
Q
C
D
Figure 1. Logic Diagram
ST95P02
SERIAL ACCESS SPI BUS 2K (256 x 8) EEPROM
NOT FOR NEW DESIGN
1 MILLION ERASE/WRITE CYCLES
40 YEARS DATA RETENTION
SINGLE 3V to 5.5V SUPPLY VOLTAGE
SPI BUS COMPATIBLE SERIAL INTERFACE
2 MHz CLOCK RATE MAX
BLOCK WRITE PROTECTION
STATUS REGISTER
16 BYTE PAGE MODE
WRITE PROTECT
SELF-TIMED PROGRAMMING CYCLE
E.S.D.PROTECTION GREATER than 4000V
The ST95P02 will be replaced shortly by the
updated version ST95020
DESCRIPTION
The ST95P02 is a 2K bit Electrically Erasable
Programmable Memory (EEPROM) fabricated with
SGS-THOMSON’s High Endurance Single Polysili-
con CMOS technology. The 2K bit memory is or-
ganised as 16 pages of 16 bytes. The memory is
accessed by a simple SPI bus compatible serial
interface. The bus signals are a serial clock input
(C), a serial data input (D) and a serial data output
(Q). The device connected to the bus is selected
when the chip select input (S) goes low. Commu-
nications with the chip can be interrupted with a
hold input (HOLD). The write operation is disabled
by a write protect input (W).
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
8
1
PSDIP8 (B)
0.25mm Frame
June 1996
1/16


Similar Part No. - ST95P02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
ST95P04B1TR STMICROELECTRONICS-ST95P04B1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
ST95P04B3TR STMICROELECTRONICS-ST95P04B3TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
ST95P04B6TR STMICROELECTRONICS-ST95P04B6TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
ST95P04M1TR STMICROELECTRONICS-ST95P04M1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
More results

Similar Description - ST95P02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
logo
Rohm
BR25L020-W ROHM-BR25L020-W Datasheet
335Kb / 6P
SPI BUS 2Kbit (256 x 8bit) EEPROM
logo
Microchip Technology
25AA020A MICROCHIP-25AA020A Datasheet
483Kb / 28P
2K SPI Bus Serial EEPROM
2006
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
logo
Microchip Technology
25AA020A MICROCHIP-25AA020A_12 Datasheet
1Mb / 38P
2K SPI Bus Serial EEPROM
11/27/12
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com