Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95P02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST95P02
Description  SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P02 Datasheet(HTML) 4 Page - STMicroelectronics

  ST95P02 Datasheet HTML 1Page - STMicroelectronics ST95P02 Datasheet HTML 2Page - STMicroelectronics ST95P02 Datasheet HTML 3Page - STMicroelectronics ST95P02 Datasheet HTML 4Page - STMicroelectronics ST95P02 Datasheet HTML 5Page - STMicroelectronics ST95P02 Datasheet HTML 6Page - STMicroelectronics ST95P02 Datasheet HTML 7Page - STMicroelectronics ST95P02 Datasheet HTML 8Page - STMicroelectronics ST95P02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 4. AC Testing Input Output Waveforms
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
AC MEASUREMENT CONDITIONS
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Symbol
Parameter
Min
Max
Unit
CIN
Input Capacitance (D)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tLPF
Input Signal Pulse Width
10
ns
Note: 1. Sampled only, not 100% tested.
Table 3. Input Parameters (1) (TA = 25
°C, f = 1 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
2
µA
ILO
Output Leakage Current
±2
µA
ICC
VCC Supply Current (Active)
C = 0.1 VCC/0.9 VCC ,
@ 2 MHz, Q = Open
2mA
ICC1
VCC Supply Current (Standby)
S = VCC, VIN = VSS or VCC,
VCC = 5.5V
50
µA
S = VCC, VIN = VSS or VCC,
VCC = 3V
10
µA
VIL
Input Low Voltage
– 0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 1
V
VOL
Output Low Voltage
IOL = 2mA
0.2 VCC
V
VOH
Output High Voltage
IOH = –2mA
0.8 VCC
V
Table 4. DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 3V to 5.5V)
4/16
ST95P02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com