Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2211B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2211B7
Description  Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2211B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2211B7 Datasheet HTML 1Page - CTS Corporation RT2211B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change
CTS Electronic Components
Page 2
April 08
www.ctscorp.com
VME64 & VME64x Terminators
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Recommended Land Pattern
1.00 mm Pitch (B7) = 0.51mm/.020 inch
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening
Should be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Blind vias to ground
reference pla ne layer
recomme nded o n
every oth er row as
shown.
Blind vias to V
CC
reference pla ne layer
recomme nded o n
every oth er row as
shown.
Blind vias to ground
reference plane layer
recommended on
every other row as
shown.
Vias to Vcc
Termination Island
Solder mask is
used to define
the ball pads.
BGA Routing Schemes
Option A
Option B
Solder Mask Dia = Pad
Diameter +.15mm (.006 inch)
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_2__B7
CTS YRWK
D
1.0mm Pitch
L
W
H
P
D
K
mm
8.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
RT1210B7
RT1211B7
RT2210B7
RT2211B7
inch
.315
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com