Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2211B7 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT2211B7
Description  Terminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2211B7 Datasheet(HTML) 1 Page - CTS Corporation

  RT2211B7 Datasheet HTML 1Page - CTS Corporation RT2211B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change
CTS Electronic Components
Page 1
April 08
www.ctscorp.com
VME64 & VME64x Terminators
VME64, VME64x Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
Typical Applications
VME64x Backplane
Card
Card
Card
Card
RT 2211
3.3V
RT2211
3.3V
Standard
Termination
VME64
+5V
RT2210
330
Low Voltage
Termination
VME64x
+3.3V
1.8K
220
470
RT2211
Features
•
8-Bit Termination Network
•
VME64, VME64x Compliant
•
Low Channel Capacitance
•
Laser Trimmed Resistance to ± 1%
•
Slim BGA Package
•
RoHS Compliant Designs Available
•
Compatible with both lead and lead
free processes
Description
This Thevenin termination network provides high performance
resistor termination for VME64 and VME64x back planes.
Designed with a ceramic substrate, this device minimizes
parasitic capacitance and inductance, a primary cause of
reduced system performance. In addition, the BGA package
eases touting design, saving the designer many hours of
printed circuit layout.
The BGA packaging has been proven to reduce rework and
improve reliability
Style G
DE
F
AB
C
G
H
1
2
3
R1
R2
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Ordering Information
Standard
Part No.
R1
Ω
R2
Ω Array Size
Pitch (mm)
RoHS
Part No.
RT1210B7
330
470
3 x 8
1.00
RT2210B7
RT1211B7
220
1800
3 x 8
1.00
RT2211B7
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2210B7TR7
13 inch reel, Add TR13 to part
number, example RT2210B7TR13
(Bulk packaging is not available)
Direction of Feed


Similar Part No. - RT2211B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2211B7 CTS-RT2211B7 Datasheet
61Kb / 2P
VME64, VME64x Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2211B7

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
SCSI Terminator
logo
Maxim Integrated Produc...
DS21S07A MAXIM-DS21S07A Datasheet
449Kb / 8P
SCSI Terminator
022106
logo
Dallas Semiconductor
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
SCSI Terminator
logo
Molex Electronics Ltd.
0011402001 MOLEX11-0011402001 Datasheet
26Kb / 3P
Terminator Die
0011402005 MOLEX11-0011402005 Datasheet
24Kb / 1P
Terminator Die
0011402006 MOLEX11-0011402006 Datasheet
26Kb / 2P
Terminator Die
0011402009 MOLEX11-0011402009 Datasheet
24Kb / 1P
Terminator Die
0011402015 MOLEX11-0011402015 Datasheet
24Kb / 1P
Terminator Die
0011402099 MOLEX11-0011402099 Datasheet
24Kb / 1P
Terminator Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com