Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA020 Datasheet HTML 4Page - STMicroelectronics STA020 Datasheet HTML 5Page - STMicroelectronics STA020 Datasheet HTML 6Page - STMicroelectronics STA020 Datasheet HTML 7Page - STMicroelectronics STA020 Datasheet HTML 8Page - STMicroelectronics STA020 Datasheet HTML 9Page - STMicroelectronics STA020 Datasheet HTML 10Page - STMicroelectronics STA020 Datasheet HTML 11Page - STMicroelectronics STA020 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SERIAL
PORT
LOGIC
REGISTERS
M0
M1
M2
23
22
21
AUDIO
AUX
C Bits
U Bits
VALIDITY
PREAMBLE
PARITY
SDATA
8
SCK
6
FSYNC
7
C
10
U
11
V
9
MUX
BIPHASE
MARK
ENCODER
LINE
DRIVER
TIMING
2
14
13
3
4
1
12
15
5
16
17
20
EM0 EM1
C1
C6
C7
C9
CBL
MCK
PRO
RST
TXN
TXP
D97AU607B
TRNPT
24
MUX
CRC
Figure 6. Block Diagram - Professional Mode
SERIAL
PORT
LOGIC
REGISTERS
M0
M1
M2
23
22
21
AUDIO
AUX
C Bits
U Bits
VALIDITY
PREAMBLE
PARITY
SDATA
8
SCK
6
FSYNC
7
C
10
U
11
V
9
MUX
BIPHASE
MARK
ENCODER
LINE
DRIVER
TIMING
2
+3.3V
324
4
11314
12
15
5
16
17
20
FC0 FC1
C2
C3
C8
C9
C15
CBL
MCK
PRO
RST
TXN
TXP
D97AU606A
MUX
Figure 7. Block Diagram - Consumer Mode
STA020
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com