Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA020 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA020
Description  96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA020 Datasheet(HTML) 4 Page - STMicroelectronics

  STA020 Datasheet HTML 1Page - STMicroelectronics STA020 Datasheet HTML 2Page - STMicroelectronics STA020 Datasheet HTML 3Page - STMicroelectronics STA020 Datasheet HTML 4Page - STMicroelectronics STA020 Datasheet HTML 5Page - STMicroelectronics STA020 Datasheet HTML 6Page - STMicroelectronics STA020 Datasheet HTML 7Page - STMicroelectronics STA020 Datasheet HTML 8Page - STMicroelectronics STA020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIGITAL CHARACTERISTICS (Tamb =25
°C; VD+ = 3.3V ±10%)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIH
High-Level Input Voltage
2.0
VDD+0.3
V
VIL
Low-Level Input Voltage
-0.3
+0.8
V
VOH
High-Level Output Voltage
IO = 200
µAVDD-1.0
V
VOL
Low-Level Output Voltage
IO = 3.2mA
0.4
V
Iin
Input Leakage Current
1.0
10
µA
MCK
Master Clock frequency
(Note 1)
26
MHz
Master Clock Duty Cycle
(high time/cycle time)
40
60
%
Note 1: MCK must be 128x the input word rate, except in Transparent Mode where MCK is 256x the input word rate.
7
6
8
15
10
AUDIO
DATA
PROCESSOR
RESET
CONTROL
11
9
RST
16
V
U
SBF
SBC
SDATA
SCK
FSYNC
8 DEDICATED C.S. BITS
EXTERNAL
CLOCK
5
MCK
STA020
+5V
19
VD+
GND
18
0.1
µF
SERIAL PORT
MODE SELECT
TRANSMITTER
CIRCUIT
See Appendix B
M0
23
M1
22
M2
21
TXP
20
TXN
17
D99AU989A
DECODER
SUBCODE
PORT
CHANNEL
STATUS BITS
CONTROL
Figure 2. STA020 Typical Connection Diagram.
7
6
8
15
10
AUDIO
DATA
PROCESSOR
µCONTROLLER
or
UNUSED
CHANNEL
STATUS BITS
CONTROL
11
9
RST
16
V
U
C
CBL
SDATA
SCK
FSYNC
8 DEDICATED C.S. BITS
EXTERNAL
CLOCK
5
MCK
STA020
+3.3V
19
VD+
GND
TRNPT
24
18
0.1
µF
SERIAL PORT
MODE SELECT
TRANSMITTER
CIRCUIT
M0
23
M1
22
M2
21
TXP
20
TXN
17
D97AU600A
Figure 1. STA020 Professional & Consumer Modes Typical Connection Diagram.
STA020
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com