Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST92195
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST92195 Datasheet HTML 12Page - STMicroelectronics ST92195 Datasheet HTML 13Page - STMicroelectronics ST92195 Datasheet HTML 14Page - STMicroelectronics ST92195 Datasheet HTML 15Page - STMicroelectronics ST92195 Datasheet HTML 16Page - STMicroelectronics ST92195 Datasheet HTML 17Page - STMicroelectronics ST92195 Datasheet HTML 18Page - STMicroelectronics ST92195 Datasheet HTML 19Page - STMicroelectronics ST92195 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16/22
ST92195B - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
SPI TIMING TABLE
(VDD= 5V +/-10%; TA= 0 to 70°C; Cload= 50pF)
(1) TpC is the OSCIN clock period; TpMC is the “Main Clock Frequency” period.
SKEW CORRECTOR TIMING TABLE
(VDD= 5V +/-10%, TA= 0 to 70°C, unless otherwise specified)
(*) The OSD jitter is measured from leading edge to leading edge of a single character row on consecutive TV lines. The value is an envelope
of 100 fields
Symbol
Parameter
Conditi on
Value
Unit
min
max
TsDI
Input Data Set-up Time
tbd
ns
ThDI
Input Data Hold Time
(1)
OSCIN/2 as internal Clock
1INTCLK
+100ns
ns
TdOV
SCK to Output Data Valid
tbd
ns
ThDO
Output Data Hold Time
tbd
ns
TwSKL
SCK Low Pulse Width
tbd
ns
TwSKH
SCK High Pulse Width
tbd
ns
Symbol
Parameter
Conditions
max
Value
Unit
Tjskw
Jitter on RGB output
36 MHz Skew corrector clock frequency
5*
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com