Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST92195
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST92195 Datasheet HTML 13Page - STMicroelectronics ST92195 Datasheet HTML 14Page - STMicroelectronics ST92195 Datasheet HTML 15Page - STMicroelectronics ST92195 Datasheet HTML 16Page - STMicroelectronics ST92195 Datasheet HTML 17Page - STMicroelectronics ST92195 Datasheet HTML 18Page - STMicroelectronics ST92195 Datasheet HTML 19Page - STMicroelectronics ST92195 Datasheet HTML 20Page - STMicroelectronics ST92195 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17/22
ST92195B - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
OSD DAC CHARACTERISTICS (ROM DEVICES ONLY)
(VDD= 5V +/-10%, TA= 0 to 70°C, unless otherwise specified).
OSD DAC CHARACTERISTICS (EPROM AND OTP DEVICES ONLY)
(VDD= 5V +/-10%, TA= 0 to 70°C, unless otherwise specified).
Symbol
Parameter
Conditio ns
Value
Unit
min
typical
max
Output impedance: FB,R,G,B
300
500
700
Ohm
Output voltage: FB,R,G,B
Cload= 20pF
RL = 100K
code= 111
1.000
1.250
V
code= 011
0.450
0.500
V
code= 000
0.025
0.080
V
FB= 1
2.4
2.7
3.4
V
FB= 0
0
0.025
0.080
V
Global voltage accuracy
+/-5
%
Symbol
Parameter
Conditions
Value
Unit
min
typical
max
Output impedance: FB,R,G,B
300
500
700
Ohm
Output voltage: FB,R,G,B
Cload= 20pF
RL = 100K
code= 111
1.100
1.400
V
code= 011
0.600
0.800
V
code= 000
0.200
0.350
V
FB= 1
VDD-0.8
V
FB= 0
0.400
V
Global voltage accuracy
+/-5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com