Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 26Page - STMicroelectronics STA015B Datasheet HTML 27Page - STMicroelectronics STA015B Datasheet HTML 28Page - STMicroelectronics STA015B Datasheet HTML 29Page - STMicroelectronics STA015B Datasheet HTML 30Page - STMicroelectronics STA015B Datasheet HTML 31Page - STMicroelectronics STA015B Datasheet HTML 32Page - STMicroelectronics STA015B Datasheet HTML 33Page - STMicroelectronics STA015B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
5. GENERAL INFORMATION
TONE_ATTEN
Address: 0x7D (125)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TA7
TA6
TA5
TA4
TA3
TA2
TA1
TA0
In the digital output
audio, the full signal is
achieved with 0 dB of attenuation. For this rea-
son, before applying Bass & Treble Control, the
user has to set the TONE_ATTEN register to the
maximum value of enhancement is going to per-
form.
For example, in case of a 0 dB signal (max. level)
only attenuation would be possible. If enhance-
ment is desired, the signal has to be attenuated
accordingly before in order to reserve a margin in dB.
An increment of a decimal unit corresponds to a Tone
Attenuationstep of 1.5dB.
MSB
LSB
ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
-1.5dB step
0
00000
00
0dB
0
00000
01
-1.5dB
0
00010
10
-3dB
0
00000
11
-4.5dB
.
.
.
0
0
0
0
1
0
1
0
-15dB
0
0
0
0
1
0
1
1
-16.5dB
0
0
0
0
1
1
0
0
-18dB
DEMULTIPLEXING
&
ERROR CHECK
HUFFMAN
DECODING
D98AU903
INVERSE
QUANTISATION
&
DESCALING
SIDE INFORMATION
DECODING
INVERSE
FILTERBANK
IMDCT
STEREOPHONIC AUDIO
SIGNAL (2*768Kbit/s)
ENCODED AUDIO
BITSTREAM (8Kbit/s ... 128Kbit/s)
ANCILLARY DATA
5.1. MPEG 2.5 Layer III Algorithm.
5.2 - MPEG Ancillary Data Description:
As specifyed in the ISO standard, the MPEG
Layer III frames have a variable bit lenght, and
are constant in time depending on the audio sam-
pling frequencies. The time duration of the Layer
III frames is shown in Tab 2.
Table2: MPEG Layer III Frames Time Duration
Sampling Frequency (KHz)
48
44.1
32
24
22.5
16
12
11.025
8
MPEG Frame Lenght (ms)
24
29
36
24
29
36
48
48
72
STA015-STA015B-STA015T
30/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com