Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 28Page - STMicroelectronics STA015B Datasheet HTML 29Page - STMicroelectronics STA015B Datasheet HTML 30Page - STMicroelectronics STA015B Datasheet HTML 31Page - STMicroelectronics STA015B Datasheet HTML 32Page - STMicroelectronics STA015B Datasheet HTML 33Page - STMicroelectronics STA015B Datasheet HTML 34Page - STMicroelectronics STA015B Datasheet HTML 35Page - STMicroelectronics STA015B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
GPSO_CONF
Address: 0xBA (186)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
X
X
GRP
GSP
GSP:
GPSO Sclk polarity
Using this bit the GPSO_SCLK polarity can
be controlled. Clearing GSP bit data on
GPSO_DATA line will be provided on the
rising edge of GPSO_SCLK (sampling on
falling edge). Setting GSP bit data are
provided on falling edge of GPSO_SCLK
(sampling on rising edge)
GRP:
GPSO Request Polarity
This bit is used to determine the polarity of
GPSO_REQ signal. If GRP bit is cleared
data are valid on GPSO_REQ signal high. If
this bit is set data are valid on GPSO_REQ
signal low
ADC_ENABLE
Address: 0xBB (187)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
X
X
X
ADCEN
This register controls if the ADPCM data to be
encoded comes from AD interface or from MP3
bitstream input interface.
If ADCEN bit is set data to be encoded comes
from ADC interface, otherwise data comes from
MP3 stream interface
ADC_CONF
Address: 0xBC (188)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
ALRCS ALRCP ASCP ADC AIIS
Using this register the ADC input interface can be
configured as follow:
AIIS:
ADC I2S mode
0 =
sample word must be aligned with
LRCK (no I
2S mode)
1 =
sample word not aligned with LRCK
(I
2S compliant mode)
ADC:
ADC Data Config.
0 =
sample word is LSB first
1 =
sample word is MSB first
ASCP:
ADC Serial Clock Polarity
0 =
Data is sampled on rising edge
1 =
Data is sampled an falling edge
ALRCP:
ADC Left/Right Clock Polarity
ALRCS:
ADC Left/Right Clock Start value this two
bits permit to determine Left/Right clock
usage according to the following table:
ALRCP
ALRCS
LEFT/RIGHT COUPLE
0
0
(Data1, Data2)
(Data3, Data4)
1
0
(0, 1)
(2, 3)
0
1
(0, 1)
(2, 3)
1
1
(1, 2)
(3, 4)
DATA 0
LRCK
DATA
DATA 1
DATA 2
DATA 3
DATA 4
D99AU1065
STA015-STA015B-STA015T
32/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com