Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA515
Description  200W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA515 Datasheet HTML 6Page - STMicroelectronics STA515 Datasheet HTML 7Page - STMicroelectronics STA515 Datasheet HTML 8Page - STMicroelectronics STA515 Datasheet HTML 9Page - STMicroelectronics STA515 Datasheet HTML 10Page - STMicroelectronics STA515 Datasheet HTML 11Page - STMicroelectronics STA515 Datasheet HTML 12Page - STMicroelectronics STA515 Datasheet HTML 13Page - STMicroelectronics STA515 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STA5150
10/14
Figure 3. Power Protection Block Diagram
In fig. 4 there is the power protection strategy pictures. Under the curve of the 64W power, the chip is in normal
operation, over 120W the chip is forced in Standby. This last status would be reached if the digital converter
does not respond quikly enough reducing the stress to less than 120W.
The fig.5 gives the protection current, Iprot, behavior. The current sourced by the pin Prot follows the formula:
for Pd < Pd_av_th the Iprot = 0
Independently of the output voltage, the chip is also shut down in the folowing conditions:
When the currentthrough the sensing resistor, Rsense, reaches 14A (Voltage drop (CD+) - (CD+1) = 700mV).
When the average junction temperature of the chip reaches 150°C.
When the ground potential differ from more than 5V from the half of the power supply voltage, ((CD+)-(CD-))/2
When the sum of the supply voltage |Vs+| + |Vs-| <20V
The output bridge is muted when the average junction temperature reaches 130°C.
X
V/I
ILOAD
I_PD
RSENSE
MULTIPLIER
ILIM
CURRENT COMP
CURRENT COMP
OC1
PDP1
IPROT
TO TURN-ON/OFF
SEQUENCE
TO TURN-ON/OFF
SEQUENCE
TO PROT PAD
D01AU1282
IPDP
IPDA
IPD
IPD
V/I
OPA
OUTP
OUTP
OPA
CD-
CD+
CD+P
I
pr ot
P
d
P
d_av _th )
–
(
510
4
–
⋅⋅
1.25V
------------------------------------------------------------------
≡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com