Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA515 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA515
Description  200W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA515 Datasheet HTML 2Page - STMicroelectronics STA515 Datasheet HTML 3Page - STMicroelectronics STA515 Datasheet HTML 4Page - STMicroelectronics STA515 Datasheet HTML 5Page - STMicroelectronics STA515 Datasheet HTML 6Page - STMicroelectronics STA515 Datasheet HTML 7Page - STMicroelectronics STA515 Datasheet HTML 8Page - STMicroelectronics STA515 Datasheet HTML 9Page - STMicroelectronics STA515 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
STA5150
6/14
Rdson
Output power Rdson
IO = 1A
100
200
m
Ω
OLG
Open Loop Voltage Gain
100
dB
GB
Unity Gain Bandwidth
1.4
MHz
SR
Slew Rate
7V/
µs
PROTECTION
Vstby
Stby voltage range
0
0.8
V
Vmute
Mute voltage range
1.6
3
V
Vplay
Play voltage range
4
5
V
Th1
First Over temperature threshold
130
°C
Th2
Second Over temperature
threshold
150
°C
Unbal.
Ground
Upper Unbalancing ground
threshold
Referred to (CD+ - CD-)/2
5V
Unbal.
Ground
Lower Unbalancing ground
threshold
Referred to (CD+ - CD-)/2
-5
V
UVth
Under voltage threshold
|Vs+| + |Vs-|
20
V
Pd_reg.
Power dissipation threshold for
system regulation
Iprot = 50µA; @ Vds = 10V
64
78
W
Pd_max
Switch off power dissipation
threshold
@ Vds = 10V
120
W
Iprot
Protection current slope
for Pd > Pdreg
400
µA/W
Ilct
Limiting Current threshold
12
14
16
A
I+Vs
Positive supply current
Stby (Vstby/mute pin = 0V)
Mute (Vstby/mute pin = 2.5V)
Play (Vstby/mute pin = 5V no signal)
4
30
30
mA
mA
mA
I-Vs
Negative supply current
Stby (Vstby/mute pin = 0V)
Mute (Vstby/mute pin = 2.5V)
Play (Vstby/mute pin = 5V no signal)
4
30
30
mA
mA
mA
ICD+
Positive traking rail supply current
Stby (Vstby/mute pin = 0V)
Mute (Vstby/mute pin = 2.5V)
Play (Vstby/mute pin = 5V no signal)
100
110
110
µA
mA
mA
ICD-
Negative traking rail supply current Stby (Vstby/mute pin = 0V)
Mute (Vstby/mute pin = 2.5V)
Play (Vstby/mute pin = 5V no signal)
100
110
110
µA
mA
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com