Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAT0 Datasheet(PDF) 2 Page - CUI INC

Part # VAT0
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAT0 Datasheet(HTML) 2 Page - CUI INC

  VAT0 Datasheet HTML 1Page - CUI INC VAT0 Datasheet HTML 2Page - CUI INC VAT0 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
2 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAT0.25-SMT Series
GENERAL SPECIFICATIONS
parameter
conditions/description
output short circuit protection
1 second max.
temperature rise at full load
15°C typ., 25°C max.
cooling
free air convection
operating temp. range
-40°C ~ +85°C
storage temp. range
-55°C ~ +125°C
reflow soldering temp.
260°C (1.5mm from case for 10 seconds)
storage humidity range
≤95%
case material
plastic (UL94-V0)
MTBF
>3,500,000 hours
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
flash tested for 1 minute
1000
V dc
isolation resistance
test at 500 V dc
1000
M
Ω
OUTLINE DIMENSIONS & RECOMMENDED LAYOUT PATTERN
1.35MAX
5.00"
1.85MAX
0.3
A
6.76
7.15
15.24
10.16
2.54
0.6
0.05
0.25
(0.6 )
(0.4)
(0.1
(0.02
0.00 2)
(0.0 1)
(0.2 7)
(0.07)
(0.2 8)
(0.01)
(0.0 2)
0.50
(0.06)
0.1
0. 004)
(Side View)
(Top View)
Note: All Pins on a 2.54mm(0.1) pitch; All Pin Widths are 0.60 mm(0.02);
Tolerances:
±0.15mm(0.006); Unit: mm(inch)
10 98
76
12
3
4
5
Pin
Function
1
2
3
4
5
6
7
8
9
10
-Vin
+Vin
NC
Com
-Vout
NC
+Vout
NC
NC
NC
TYPICAL CHARACTERISTICS
Tolerance Envelope Graph
+10%
+5%
Nominal
Voltage
10%
50%
100%
Output Current (%)
Typical
Load
Line
+2.5%
-2.5%
-7.5%
Temperature Derating Graph
Safe Operating Area
120
100
80
60
40
20
0
-40
0
40
80
120
Ambient Temperature(°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com