Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAT0 Datasheet(PDF) 1 Page - CUI INC

Part # VAT0
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAT0 Datasheet(HTML) 1 Page - CUI INC

  VAT0 Datasheet HTML 1Page - CUI INC VAT0 Datasheet HTML 2Page - CUI INC VAT0 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: dc-dc converter
1 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAT0.25-SMT Series
features
·SMT package
·internal SMD construction
·I/O isolation: 1000 V dc
·no heatsink required
·no external component required
·industry standard pinout
·temperature range: -40°C~+85°C
OUTPUT
parameter
conditions/description
min
nom
max
units
output power
0.25
W
voltage accuracy
see tolerance envelope graph
output ripple
@ 20MHz Bandwidth
50
75
mVpp
output noise
@ 20MHz Bandwidth
75
150
mVpp
line regulation
for Vin change of 1%(3.3V output)
±1.5
%
for Vin change of 1%
±1.2
%
load regulation
10% to 100% full load
3.3V output
15
20
%
5V output
10
15
%
9V output
6.5
15
%
12V output
6.0
15
%
15V output
6.0
15
%
temperature coefficient
100% full load
0.03
%/°C
switching frequency
100% load, nominal input(24V input)
700
KHz
100% load, nominal input(5V, 12V)
150
KHz
notes:
1.
Test ripple and noise by “parallel cable” method.
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
description
Designed to convert fixed
voltages into isolated voltages,
the VAT0.25-SMT series is well
suited for providing board-mount
local supplies in a wide range of
applications, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
MODEL
input voltage
output voltage
output current
efficiency
nominal
range.
max.
min.
typ.
(V dc)
(V dc)
(V dc)
(mA)
(mA)
(%)
VAT0.25-S5-D3.3-SMT
5
4.5~5.5
±3.3
±38
±4
62
VAT0.25-S5-D5-SMT
5
4.5~5.5
±5
±25
±3
64
VAT0.25-S5-D9-SMT
5
4.5~5.5
±9
±14
±2
65
VAT0.25-S5-D12-SMT
5
4.5~5.5
±12
±11
±2
67
VAT0.25-S5-D15-SMT
5
4.5~5.5
±15
±9
±1
66
VAT0.25-S12-D5-SMT
12
10.8~13.2
±5
±25
±3
65
VAT0.25-S12-D9-SMT
12
10.8~13.2
±9
±14
±2
64
VAT0.25-S12-D12-SMT
12
10.8~13.2
±12
±11
±2
63
VAT0.25-S12-D15-SMT
12
10.8~13.2
±15
±9
±1
64
VAT0.25-S24-D5-SMT
24
21.6~26.4
±5
±25
±3
61
VAT0.25-S24-D9-SMT
24
21.6~26.4
±9
±14
±2
62
VAT0.25-S24-D12-SMT
24
21.6~26.4
±12
±11
±2
63
VAT0.25-S24-D15-SMT
24
21.6~26.4
±15
±9
±1
65
notes:
1.
All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise specified.
2.
Unbalanced load: ±5%


Similar Part No. - VAT0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VAT-1 MINI-VAT-1 Datasheet
202Kb / 1P
SMA Fixed Attenuator
VAT-1+ MINI-VAT-1+ Datasheet
718Kb / 1P
FIXED ATTENUATORS
VAT-10 MINI-VAT-10 Datasheet
230Kb / 1P
SMA Fixed Attenuator
VAT-10+ MINI-VAT-10+ Datasheet
261Kb / 1P
FIXED ATTENUATORS
VAT-10+ MINI-VAT-10+ Datasheet
718Kb / 1P
FIXED ATTENUATORS
More results

Similar Description - VAT0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com