Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDZ330 Datasheet(PDF) 2 Page - CUI INC

Part # VDZ330
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDZ330 Datasheet(HTML) 2 Page - CUI INC

  VDZ330 Datasheet HTML 1Page - CUI INC VDZ330 Datasheet HTML 2Page - CUI INC VDZ330 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC converter
2 of 3
09/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VDZ330 series
INPUT
specification
typical
range
units
input voltage range
12V
9~18
Vdc
24V
18~36
Vdc
48V
36~72
Vdc
18V
9~36
Vdc
48V
18-72
Vdc
input reversal protection
protected if an external input fuse is installed.
remote on/off control
min. of 5.5 V to turn on, max of 1.2V to turn off.
unit defaults to normal output if control pin is not used.
OUTPUT
specification
min.
typ.
max.
units
voltage accuracy
±1%
ripple and noise(@ 20MHz bandwidth)
<1%
mVpp
line regulation
±0.2%
load regulation
±0.4%
temperature coefficient
±0.01
%/°C
transient response (25%-50%-25% & 50%-75%-50%)
200
µs
GENERAL SPECIFICATIONS
specification
min.
typ.
max.
units
switching frequency
160K
180K
200K
Hz
isolation resistance
200M
Ω
MTBF
200K
hours
isolation voltage
input-output
1000
Vdc
input-case
1000
Vdc
output-case
1000
Vdc
ENVIRONMENTAL SPECIFICATIONS
specification
min.
typ.
max.
units
case temperature
(industrial grade)
-25
+85
°C
(military grade I)
-40
+85
°C
(military grade II)
-55
+85
°C
storage temperature (industrial grade)
-45
+105
°C
(military grade)
-55
+105
°C
case humidity
(non-condensing)
5%
85%
RH
storage humidity
(non-condensing)
5%
95%
RH
THERMAL CHARACTERISTICS
cooling method
thermal impedance
natural convection
4.38°C/W
0.5 (M/S)
1.64 (LF/S)
3.65°C/W
1.0 (M/S)
3.28 (LF/S)
2.72°C/W
1.5 (M/S)
4.92 (LF/S)
1.98°C/W
2.0 (M/S)
6.56 (LF/S)
1.64°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com