Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDZ330 Datasheet(PDF) 3 Page - CUI INC

Part # VDZ330
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDZ330 Datasheet(HTML) 3 Page - CUI INC

  VDZ330 Datasheet HTML 1Page - CUI INC VDZ330 Datasheet HTML 2Page - CUI INC VDZ330 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC converter
3 of 3
09/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VDZ330 series
DIMENSIONS (mm)
65.0 mm
17.0 mm
88.0 mm
22.0 mm
22.0 mm
4xR2
100mm
14.0 mm
59.0 mm
42.5 mm
33.0 mm
52.5 mm
4xM3
Pin Function
1
2
3
4
5
-Vin
+Vin
REM
+Vout
-Vout
(Most heat to be dissipated
from the bottom of case.)
1
2
3
4
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com