Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 405
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

405 Datasheet(HTML) 4 Page - STMicroelectronics

  405 Datasheet HTML 1Page - STMicroelectronics 405 Datasheet HTML 2Page - STMicroelectronics 405 Datasheet HTML 3Page - STMicroelectronics 405 Datasheet HTML 4Page - STMicroelectronics 405 Datasheet HTML 5Page - STMicroelectronics 405 Datasheet HTML 6Page - STMicroelectronics 405 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
START405
4/7
COMMON EMITTER S-PARAMETERS ( VCE = 2V, IC = 5mA )
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
0.1
0.903
-5
12.29
176
0.007
95
0.991
-2
0.5
0.882
-23
10.96
174
0.014
97
0.971
-11
0.9
0.825
-38
9.71
174
0.021
98
0.918
-19
1
0.809
-41
9.42
175
0.022
99
0.906
-20
1.5
0.713
-53
8.11
177
0.027
107
0.850
-24
1.8
0.674
-58
7.43
180
0.028
114
0.829
-27
2
0.642
-61
6.99
178
0.028
122
0.820
-28
2.5
0.579
-64
6.01
172
0.028
148
0.815
-30
3
0.523
-64
5.12
164
0.030
175
0.815
-31
3.5
0.462
-67
4.31
156
0.039
131
0.787
-35
4
0.372
-78
3.48
146
0.065
94
0.644
-41
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com