Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 405
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

405 Datasheet(HTML) 1 Page - STMicroelectronics

  405 Datasheet HTML 1Page - STMicroelectronics 405 Datasheet HTML 2Page - STMicroelectronics 405 Datasheet HTML 3Page - STMicroelectronics 405 Datasheet HTML 4Page - STMicroelectronics 405 Datasheet HTML 5Page - STMicroelectronics 405 Datasheet HTML 6Page - STMicroelectronics 405 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
July, 3 2002
START405
NPN Silicon RF Transistor
SOT343 (SC70)
ORDER CODE
START405TR
BRANDING
405
APPLICATIONS
• LNA FOR GSM/DCS, DECT, PCS, PCN,
CDMA, W-CDMA
• GENERAL PURPOSE 500MHz-5GHz
• LOW NOISE FIGURE: NFmin = 1.1dB
@ 1.8GHz, 2mA, 2V
• COMPRESSION P1dB = 5dBm
@ 1.8GHz, 5mA, 2V
• TRANSITION FREQUENCY 42GHz
• LOW CURRENT CONSUMPTION
• ULTRA MINIATURE SOT343 PACKAGE
DESCRIPTION
The START405 is a member of the START family
that provide the state of the art of RF silicon process
to the market.
Manufacturated
in
the third
generation of ST proprietary bipolar process, it
offers the best mix of gain and NF for given
breakdown voltage(BVceo).
It offers performance level only archived with GaAs
products before.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vceo
Collector emitter voltage
4.5
V
Vcbo
Collector base voltage
15
V
Vebo
Emitter base voltage
1.5
V
Ic
Collector current
10
mA
Ib
Base current
1
mA
Ptot
Total dissipation, Ts = TBD
45
mW
Tstg
Storage temperature
-65 to 150
oC
Tj
Max. operating junction temperature
150
oC
Rthjs
Thermal Resistance Junction soldering point
270
oC/W
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - 405

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
logo
ebm-papst
405 EBMPAPST-405 Datasheet
311Kb / 4P
DC axial compact fan
logo
Bi technologies
405 BITECH-405 Datasheet
330Kb / 3P
Precision Potentiometer / Position Sensor
logo
ebm-papst
405 EBMPAPST-405 Datasheet
375Kb / 3P
DC axial fans
logo
Marathon Special Produc...
405 MARATHON-405 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
More results

Similar Description - 405

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com