Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFM40 Datasheet(PDF) 2 Page - CUI INC

Part # VFM40
Description  open frame AC/DC power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM40 Datasheet(HTML) 2 Page - CUI INC

  VFM40 Datasheet HTML 1Page - CUI INC VFM40 Datasheet HTML 2Page - CUI INC VFM40 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: open frame AC/DC power supply
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VFM40 multiple output series
INPUT
voltage
90-264VAC; 120-370VDC
frequency
47 to 440Hz
inrush current
50A max. @ 264VAC
input current
1A max. (RMS) @ 115VAC
conducted EMI
CISPR/FCC Class B
isolation
input to output = 4,242VDC
leakage current
0.5mA max.
OUTPUT
maximum power for convection cooling
40W (VFM40-T3512, 30W)
30 VFM forced air
50W (VFM40-T3512, 40W)
hold up time
20mS typ. @ 115VAC
short circuit / overload protection
auto recovery (all outputs)
over voltage protection
3.6-4.6V/5.7-6.7V on V1 (3.3V/5V)
120%-140% on V2(12V/15V/24V)
adjustment range
10% typ.
ENVIRONMENTAL CHARACTERISTICS
operating temperature
0°C-50°C
storage temperature
-20°C-85°C
MECHANICAL OUTLINE
dimensions
4x2x1.2 inches
(101.6x50.8x30.48 mm3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com