Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFM40 Datasheet(PDF) 1 Page - CUI INC

Part # VFM40
Description  open frame AC/DC power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM40 Datasheet(HTML) 1 Page - CUI INC

  VFM40 Datasheet HTML 1Page - CUI INC VFM40 Datasheet HTML 2Page - CUI INC VFM40 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: open frame AC/DC power supply
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VFM40 multiple output series
features
·universal input: 90~264VAC
·2”x4” footprint
·industry-standard pin out
·efficiency at 75% typical
(70% for VFM40-T3512)
·meets UL/cUL, TUV, CE
·Pi input filter
·conductive EMI meets CISPR/FCC
class B
·multiple output
model
output
output current
ripple1
voltage
line
load
O/P power
efficiency
number
voltage
min.
rated
max.
(mVp-p)
accuracy2
reg.3
reg.4
max.
(typ.)
VFM40-D512
5V(V1)
0.4
3.2
5.0
50
±3%
±1%
±3%
40.0W
77%
12V(V2)
0.2
2.0
2.5
120
±4%
±2%
±5%
VFM40-D524
5V(V1 )
0.4
3.2
5.0
50
±3%
±1%
±3%
40.0W
78%
24V(V2 )
0.2
1.0
1.5
240
±4%
±2%
±5%
VFM40-T5125
5V(V1 )
0.4
3.0
5.0
50
±3%
±1%
±3%
40.5W
75%
12V(V2 )
0.2
2.0
2.5
120
±4%
±2%
±5%
-5V(V3 )
0
0.3
0.5
50
±3%
±1%
±1%
VFM40-T512
5V(V1 )
0.4
3.0
5.0
50
±3%
±1%
±3%
42.6W
75%
12V(V2 )
0.2
2.0
2.5
120
±4%
±2%
±5%
-12V(V3 )
0
0.3
0.5
120
±3%
±1%
±1%
VFM40-T515
5V(V 1)
0.4
3.0
5.0
50
±3%
±1%
±3%
42.0W
75%
15V(V2 )
0.2
1.5
2.3
150
±4%
±2%
±5%
-15V(V3)
0
0.3
0.5
150
±3%
±1%
±1%
VFM40-T52412 5V(V1 )
0.4
3.0
5.0
50
±3%
±1%
±3%
42.6W
75%
24V(V2 )
0.2
1.0
1.5
240
±4%
±2%
±5%
-12V(V3)
0
0.3
0.5
120
±3%
±1%
±1%
VFM40-T5245
5V(V1 )
0.4
3.0
5.0
50
±3%
±1%
±3%
40.5W
75%
24V(V2 )
0.2
1.0
1.5
240
±4%
±2%
±5%
-5V(V3 )
0
0.3
0.5
50
±3%
±1%
±1%
VFM40-T52412-1 5V(V1 )
0.4
3.0
5.0
50
±3%
±1%
±3%
42.6W
75%
24V(V2 )
0.2
1.0
1.5
240
±4%
±2%
±5%
12V(V3 )
0
0.3
0.5
120
±3%
±1%
±1%
VFM40-T3512 3.3V(V1 )
0.4
5.0
7.0
50
±3%
±1%
±3%
30.0W
70%
5V(V2 )
0.2
2.0
3.5
50
±4%
±2%
±5%
12V(V3 )
0
0.3
0.5
120
±3%
±1%
±1%
NOTES:
1. add a 0.1µF ceramic capacitor and a 10µF E.L. capacitor to output for ripple
and noise measuring @20MHz BW.
2. voltage accuracy is set at full load
3. line regulation is measured from 100VAC to 240VAC with full load.
4. load regulation is measured from 60% to 100% full load and from 60% to 20%
full load (60% ±40% full load).


Similar Part No. - VFM40

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM40-3512 CUI-VFM40-3512 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VFM40-D524 CUI-VFM40-D524 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VFM40-T512 CUI-VFM40-T512 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - VFM40

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
Delta Electronics, Inc.
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
Medical AC-DC Open Frame Power Supply
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com