Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHB50 Datasheet(PDF) 2 Page - CUI INC

Part # VHB50
Description  Half Brick DC to DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB50 Datasheet(HTML) 2 Page - CUI INC

  VHB50 Datasheet HTML 1Page - CUI INC VHB50 Datasheet HTML 2Page - CUI INC VHB50 Datasheet HTML 3Page - CUI INC VHB50 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VHB50 Series Half Brick DC to DC Converter
2 / 4
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Input
Input Voltage Range
12V
9-18V
24V
18-36V
48V
36-75V
Under Voltage Lockout
12Vin power up
8.8V
12Vin power down
8V
24Vin power up
17V
24Vin power down
16V
48Vin power up
34V
48Vin power down
32.5V
Positive Logic Remote ON/OFF3,4
Input Filter
PI Type
Output
Voltage Accuracy
±1% max.
Transient Response: 25% Step Load Change
<500µ sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW, 2.5V, 3.3V, 5V
20mV RMS., max
75mV pk-pk, max
12V& 15V
30mV RMS., max
100mV pk-pk, max
24V
100mV RMS., max
240mV pk-pk, max.
Temperature Coefficient
±0.03%/°C
Short Circuit Protection
Continuous
Safety
VHB50-D12-XXXX approved to UL60950-1 (E222736)
VHB50-D24/D48-XXXX approved to UL1950 (E222736)
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-150% Nominal Output
General Specifications
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107 Ohm min.
Switching Frequency
(12/24) Vin.
400KHz, Typ.
48 Vin.
300KHz, Typ.
Operating Case Temperature
-40°C to 100°C
Storage Temperature
-55°C to 105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
2.28x2.40x0.50 inches
57.9x61.0x12.7mm
Case Material
aluminum
NOTES:
1. Measured from High Line to Low Line
2. Measured from Full Load to Zero Load
3. Logic Compatibility: Open Collector ref to -Input
Module ON: Open Circuit
Module OFF: < 0.8VDC
4. Suffix “N” to the model number with negative logic remote ON/OFF.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com