Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHB50 Datasheet(PDF) 1 Page - CUI INC

Part # VHB50
Description  Half Brick DC to DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB50 Datasheet(HTML) 1 Page - CUI INC

  VHB50 Datasheet HTML 1Page - CUI INC VHB50 Datasheet HTML 2Page - CUI INC VHB50 Datasheet HTML 3Page - CUI INC VHB50 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VHB50 Series Half Brick DC to DC Converter
1 / 4
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·25/50W isolated output
·Efficiency to 85%
·300KHz switching frequency
·2:1 input range
·Regulated outputs
·Continuous short circuit protection
·Five-sided metal case
·Industry standard half-brick pack-
age
Model
Input
Output
Output
I nput Current
Number
Voltage
Voltage
Current
No Load
Full Load
Efficiency
VHB50-D12-S2R5
9-18VDC
2.5VDC
10A
50mA
2740mA
76%
VHB50-D12-S3R3
9-18VDC
3.3VDC
10A
50mA
3525mA
78%
VHB50-D12-S5
9-18VDC
5VDC
10A
50mA
5145mA
81%
VHB50-D12-S12
9-18VDC
12VDC
4.16A
50mA
4950mA
84%
VHB50-D12-S15
9-18VDC
15VDC
3.33A
50mA
4950mA
84%
VHB50-D12-S24
9-18VDC
24VDC
2.08A
50mA
4950mA
84%
VHB50-D24-S2R5
18-36VDC
2.5VDC
10A
50mA
1353mA
77%
VHB50-D24-S3R3
18-36VDC
3.3VDC
10A
50mA
1740mA
79%
VHB50-D24-S5
18-36VDC
5VDC
10A
50mA
2540mA
82%
VHB50-D24-S12
18-36VDC
12VDC
4.16A
50mA
2450mA
85%
VHB50-D24-S15
18-36VDC
15VDC
3.33A
50mA
2450mA
85%
VHB50-D24-S24
18-36VDC
24VDC
2.08A
50mA
2419mA
86%
VHB50-D48-S2R5
36-75VDC
2.5VDC
10A
50mA
676mA
77%
VHB50-D48-S3R3
36-75VDC
3.3VDC
10A
50mA
870mA
79%
VHB50-D48-S5
36-75VDC
5VDC
10A
50mA
1250mA
83%
VHB50-D48-S12
36-75VDC
12VDC
4.16A
50mA
1220mA
85%
VHB50-D48-S15
36-75VDC
15VDC
3.33A
50mA
1220mA
85%
VHB50-D48-S24
36-75VDC
24VDC
2.08A
50mA
1290mA
86%


Similar Part No. - VHB50

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VHB50-28F ASI-VHB50-28F Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
VHB50-28F ASI-VHB50-28F Datasheet
20Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
VHB50-28F ASI-VHB50-28F_07 Datasheet
20Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
VHB50-28S ASI-VHB50-28S Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
VHB50-28S ASI-VHB50-28S Datasheet
20Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
More results

Similar Description - VHB50

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB50W CUI-VHB50W Datasheet
619Kb / 4P
half brick dc-dc converter
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
Half-brick DC-DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
Half-brick DC/DC Converter
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
Half-brick DC/DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
half-brick dc-dc converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
HALF-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com