Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START-540 Datasheet(PDF) 3 Page - STMicroelectronics

Part # START-540
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START-540 Datasheet(HTML) 3 Page - STMicroelectronics

  START-540 Datasheet HTML 1Page - STMicroelectronics START-540 Datasheet HTML 2Page - STMicroelectronics START-540 Datasheet HTML 3Page - STMicroelectronics START-540 Datasheet HTML 4Page - STMicroelectronics START-540 Datasheet HTML 5Page - STMicroelectronics START-540 Datasheet HTML 6Page - STMicroelectronics START-540 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
START540
COMMON EMITTER S-PARAMETERS ( VCE = 2V, IC = 20mA )
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.699
-21.6
42.32
164.0
0.009
88.9
0.942
-12.2
0.5
0.545
-89.7
27.82
119.9
0.027
58.1
0.642
-50.6
0.9
0.480
-130.0
18.42
98.1
0.036
48.1
0.431
-70.6
1
0.476
-137.4
16.86
94.0
0.038
47.2
0.397
-74.7
1.5
0.483
-166.9
11.63
76.9
0.048
41.6
0.272
-96.2
1.8
0.494
179.6
9.63
68.2
0.052
38.8
0.220
-110.7
2
0.503
172.2
8.49
63.1
0.055
36.7
0.193
-123.3
2.5
0.513
157.6
6.46
53.6
0.061
31.7
0.148
-154.4
3
0.533
147.8
5.34
45.9
0.069
26.7
0.142
-171.4
3.5
0.551
139.6
4.54
36.6
0.077
21.2
0.153
177.9
4
0.559
133.8
3.87
28.3
0.085
13.7
0.154
162.7
COMMON EMITTER S-PARAMETERS ( VCE = 2V, IC = 5mA )
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.5
0.816
-50.5
14.56
140.8
0.038
65.8
0.879
-30.3
0.9
0.715
-84.6
11.92
118.2
0.058
48.4
0.720
-49.0
1
0.695
-92.5
11.32
113.2
0.061
45.0
0.685
-53.1
1.5
0.620
-128.0
8.64
91.5
0.075
30.9
0.515
-71.9
1.8
0.589
-145.6
7.39
80.9
0.080
23.8
0.425
-81.8
2
0.581
-156.1
6.66
74.5
0.080
19.3
0.374
-88.4
2.5
0.570
-167.6
5.87
8.0
0.082
14.8
0.316
-96.8
3
0.572
167.6
4.37
51.7
0.085
5.7
0.225
-166.8
3.5
0.585
155.3
3.74
40.4
0.090
1.1
0.208
-128.4
4
0.592
146.1
3.20
30.6
0.094
-5.0
0.184
-141.2
COMMON EMITTER NOISE-PARAMETERS ( VCE = 2V, IC = 5mA )
f
Fmin
Γ
opt
Rn
rn
|S21|
2
F50
GHz
dB
MAG
ANG
Ω
-dB
dB
1.8
0.91
0.39
100.8
6.4
0.128
17.38
1.12
2
0.96
0.48
115.2
6.38
0.127
16.47
1.22
2.5
1.01
0.48
136.8
5.94
0.118
14.35
1.34
3
1.14
0.46
163
5.6
0.112
12.82
1.38
3.5
1.3
0.39
-160
5.2
0.104
11.46
1.42
4
1.4
0.32
-122.4
5
0.1
10.12
1.66



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com