Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START-540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # START-540
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START-540 Datasheet(HTML) 1 Page - STMicroelectronics

  START-540 Datasheet HTML 1Page - STMicroelectronics START-540 Datasheet HTML 2Page - STMicroelectronics START-540 Datasheet HTML 3Page - STMicroelectronics START-540 Datasheet HTML 4Page - STMicroelectronics START-540 Datasheet HTML 5Page - STMicroelectronics START-540 Datasheet HTML 6Page - STMicroelectronics START-540 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
July, 3 2002
START540
NPN Silicon RF Transistor
SOT343 (SC70)
ORDER CODE
START540TR
BRANDING
540
APPLICATIONS
• LNA FOR GSM/DCS, DECT, PDC, PCS,
PCN, CDMA, W-CDMA
• GENERAL PURPOSE 500MHz-5GHz
• LOW NOISE FIGURE: NFmin = 0.9dB
@ 1.8GHz, 5mA, 2V
• HIGH OUTPUT IP3 = 24dBm
@ 1.8GHz, 20mA, 2V
• GOOD RUGGEDNESS BVceo = 4.5V
• TRANSITION FREQUENCY 45GHz
• ULTRA MINIATURE SOT343 PACKAGE
DESCRIPTION
The START540 is a member of the START family
that provide the market with the state of the art of RF
silicon
process. Manufacturated
in
the
third
generation of ST proprietary bipolar process, it
offers the highest linearity with excellent Noise
Figure for 4.5V breakdown voltage(BVceo).
It reaches performance level only achieved with
GaAs products before.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vceo
Collector emitter voltage
4.5
V
Vcbo
Collector base voltage
15
V
Vebo
Emitter base voltage
1.5
V
Ic
Collector current
40
mA
Ib
Base current
4
mA
Ptot
Total dissipation, Ts = 101
180
mW
Tstg
Storage temperature
-65 to 150
oC
Tj
Max. operating junction temperature
150
oC
Rthjs
Thermal Resistance Junction soldering point
270
oC/W
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - START-540

ManufacturerPart #DatasheetDescription
logo
PowerData Technologies ...
START 2 POWERDATATECHNOLOGIES-START 2 Datasheet
172Kb / 1P
Modular under desk power & data products
START 3 POWERDATATECHNOLOGIES-START 3 Datasheet
172Kb / 1P
Modular under desk power & data products
START 5 POWERDATATECHNOLOGIES-START 5 Datasheet
172Kb / 1P
Modular under desk power & data products
START 7 POWERDATATECHNOLOGIES-START 7 Datasheet
172Kb / 1P
Modular under desk power & data products
START X POWERDATATECHNOLOGIES-START X Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - START-540

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com