Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-25-9 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-25-9
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-25-9 Datasheet(HTML) 3 Page - CUI INC

  VOF-25-9 Datasheet HTML 1Page - CUI INC VOF-25-9 Datasheet HTML 2Page - CUI INC VOF-25-9 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V-INFINITY LLC, 9615 SW Allen Blvd., Suite 103, Beaverton, OR 97005
1-866-372-1258
www.v-infinity.com
VOF-25 Switching Power Supply
Rev. 07-2007
3 / 3
Outline Drawing
20.32 0.80
2
4
3
CN2
1
2
CN2
1
VADJ
3
42.8±0.1 1.68
90.0 3.54
2.01
51.0
3.22
3.5 (4 PLCS)
MOUNTING HOLE
3.0 MAX
(LEAD)
CN1(0411-3P)
1
2
3
N
no pin
L
CN2(0411-4P)
*Tolerance: ±1
*Dimensions in mm
1
2
3
-V
-V
+V
4
+V
81.9±0.1
Mechanical
Parameter
Conditions/Description
Min
Nom
Max
Units
Dimensions
3.5”(88.9mm) x 2”(51mm) x 0.8”(20.32mm)
Weight
0.09
kg
Cooling method
free air convection (see derating curve on p. 1)
Mating Connectors
Parameter
Conditions/Description
AC Input (CN1)
Mates with Molex housing 09-50-3031 with Molex 2878 series crimp contact.
DC Output (CN2)
Mates with Molex housing 09-50-3041 with Molex 2878 series crimp contact.
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers
to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s appli-
cations using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications.
Nothing will be covered outside of standard product warranty.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com