Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-25-9 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-25-9
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-25-9 Datasheet(HTML) 1 Page - CUI INC

  VOF-25-9 Datasheet HTML 1Page - CUI INC VOF-25-9 Datasheet HTML 2Page - CUI INC VOF-25-9 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V-INFINITY LLC, 9615 SW Allen Blvd., Suite 103, Beaverton, OR 97005
1-866-372-1258
www.v-infinity.com
VOF-25 Switching Power Supply
Rev. 07-2007
1 / 3
Voltage
Current
Total 1,2
Ripple & Noise3
Efficiency
Model
(V)
(A)
Regulation
(mVp-p max)
(%)
VOF-25-3.3
3.3
4.4
±5%
50
70
VOF-25-5
5
4.4
±5%
50
73
VOF-25-7.5
7.5
3.0
±5%
75
73
VOF-25-9
9
2.7
±5%
90
77
VOF-25-12
12
2.0
±5%
120
80
VOF-25-15
15
1.6
±5%
150
80
VOF-25-24
24
1.0
±5%
240
82
Features
• RoHS Compliant
• Universal input 85~264 Vac
• Output over-current protected
• Output over-voltage protected
• Industry standard foot-print
• Efficiency up to 82%
• Safety approved to TUV, CE; UL/cUL
• Conducted EMI meets EN55022
class B and FCC class B
Notes:
1. Measured from High Line to Low Line at Full load.
2. Measured from Full load to 10% load at 110 VAC.
3. Ripple & Noise measured at 20 MHz BW, with a 0.1 µF ceramic cap and a 10 µF electrolytic cap on the output and two earth
ground pads are connected to input earth ground.
(18 CFM)
Input Voltage (VAC)
Derating Curves
1. Output Power vs. Ambient temperature
a. 3.3 V and 5 V models
b. All other models
2. Output Power vs. Input Voltage
All Models


Similar Part No. - VOF-25-9

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-25-9 CUI-VOF-25-9 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-25-9 CUI-VOF-25-9 Datasheet
264Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-25-9

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com