Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95020M3TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST95020M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95020M3TR Datasheet(HTML) 3 Page - STMicroelectronics

  ST95020M3TR Datasheet HTML 1Page - STMicroelectronics ST95020M3TR Datasheet HTML 2Page - STMicroelectronics ST95020M3TR Datasheet HTML 3Page - STMicroelectronics ST95020M3TR Datasheet HTML 4Page - STMicroelectronics ST95020M3TR Datasheet HTML 5Page - STMicroelectronics ST95020M3TR Datasheet HTML 6Page - STMicroelectronics ST95020M3TR Datasheet HTML 7Page - STMicroelectronics ST95020M3TR Datasheet HTML 8Page - STMicroelectronics ST95020M3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AI01438
C
C
MSB
LSB
CPHA
Dor Q
0
1
CPOL
0
1
Figure 3. Data and Clock Timing
AI01439B
SPI Interface with
(CPOL, CPHA) =
(’0’, ’0’) or (’1’, ’1’)
MICROCONTROLLER
(ST6, ST7, ST9, ST10, OTHERS)
ST95xx0
SCK
SDI
SDO
C
Q
D
Figure 4. Microcontroller and SPI Interface Set-up
Serial Clock (C). The serial clock provides the
timing of the serial interface. Instructions, ad-
dresses, or data present at the input pin are latched
on the rising edge of the clock input, while data on
the Q pin changes after the falling edge of the clock
input.
Chip Select (S). When S is high, the Memory is
deselected and the Q output pin is at high imped-
ance and, unless an internal write operation is
underway the Memory will be in the standby power
mode. S low enables the Memory, placing it in the
active power mode. It should be noted that after
power-on, a high to low transition on S is required
prior to the start of any operation.
Write Protect (W). This pin is for hardware write
protection. When W is low, writes to the Memory
are disabled but any other operationsstay enabled.
When W is high, all writes operationsare available.
W going low at any time before the last bit D0 of
the data streamwill reset the write enable latch and
prevent programming. No action on W or on the
write enable latch can interrupt a write cycle which
has commenced.
3/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com