Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95020M3TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST95020M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95020M3TR Datasheet(HTML) 1 Page - STMicroelectronics

  ST95020M3TR Datasheet HTML 1Page - STMicroelectronics ST95020M3TR Datasheet HTML 2Page - STMicroelectronics ST95020M3TR Datasheet HTML 3Page - STMicroelectronics ST95020M3TR Datasheet HTML 4Page - STMicroelectronics ST95020M3TR Datasheet HTML 5Page - STMicroelectronics ST95020M3TR Datasheet HTML 6Page - STMicroelectronics ST95020M3TR Datasheet HTML 7Page - STMicroelectronics ST95020M3TR Datasheet HTML 8Page - STMicroelectronics ST95020M3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ST95040
ST95020, ST95010
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
June 1998
1/18
1 MILLION ERASE/WRITE CYCLES
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE
– 4.5V to 5.5V for ST950x0
– 2.5V to 5.5V for ST950x0W
SPI BUS COMPATIBLE SERIAL INTERFACE
2 MHz CLOCK RATE MAX
BLOCK WRITE PROTECTION
STATUS REGISTER
16 BYTE PAGE MODE
WRITE PROTECT
SELF-TIMED PROGRAMMING CYCLE
E.S.D.PROTECTION GREATER than 4000V
SUPPORTS POSITIVE CLOCK SPI MODES
DESCRIPTION
The ST950x0 is a family of Electrically Erasable
Programmable Memories (EEPROM) fabricated
with STMicroelectronics’s High Endurance Single
Polysilicon CMOS technology. Each memory is
accessed by a simple SPI bus compatible serial
interface. The bus signals are a serial clock input
(C), a serial data input (D) and a serial data output
(Q).
AI01435B
S
VCC
ST950x0
HOLD
VSS
W
Q
C
D
Figure 1. Logic Diagram
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame


Similar Part No. - ST95020M3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95022 STMICROELECTRONICS-ST95022 Datasheet
113Kb / 16P
2 Kbit Serial SPI EEPROM with High Speed Clock
Feb-1999
ST95022M3TR STMICROELECTRONICS-ST95022M3TR Datasheet
113Kb / 16P
2 Kbit Serial SPI EEPROM with High Speed Clock
Feb-1999
More results

Similar Description - ST95020M3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P08 STMICROELECTRONICS-ST95P08 Datasheet
119Kb / 16P
8 Kbit Serial SPI EEPROM with Positive Clock Strobe
Feb-1999
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com