Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB140NF75 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB140NF75
Description  N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB140NF75 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB140NF75 Datasheet HTML 6Page - STMicroelectronics STB140NF75 Datasheet HTML 7Page - STMicroelectronics STB140NF75 Datasheet HTML 8Page - STMicroelectronics STB140NF75 Datasheet HTML 9Page - STMicroelectronics STB140NF75 Datasheet HTML 10Page - STMicroelectronics STB140NF75 Datasheet HTML 11Page - STMicroelectronics STB140NF75 Datasheet HTML 12Page - STMicroelectronics STB140NF75 Datasheet HTML 13Page - STMicroelectronics STB140NF75 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Spice thermal model
STB140NF75 - STP140NF75-1 - STP140NF75
10/18
3
Spice thermal model
Table 6.
Parameters
Parameter
Node
Value
CTHERM1
7 - 6
1.49 * 10-3
CTHERM2
6 - 5
3.50 * 10-2
CTHERM3
5 - 4
5.94 * 10-2
CTHERM4
4 - 3
9.74 * 10-2
CTHERM5
3 - 2
8.86 * 10-2
CTHERM6
2 - 1
8.27 * 10-1
RTHERM1
7 - 6
0.0384
RTHERM2
6 - 5
0.0624
RTHERM3
5 - 4
0.072
RTHERM4
4 - 3
0.0912
RTHERM5
3 - 2
0.1008
RTHERM6
2 - 1
0.1152
Figure 18.
Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com