Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB140NF75 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB140NF75
Description  N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB140NF75 Datasheet(HTML) 3 Page - STMicroelectronics

  STB140NF75 Datasheet HTML 1Page - STMicroelectronics STB140NF75 Datasheet HTML 2Page - STMicroelectronics STB140NF75 Datasheet HTML 3Page - STMicroelectronics STB140NF75 Datasheet HTML 4Page - STMicroelectronics STB140NF75 Datasheet HTML 5Page - STMicroelectronics STB140NF75 Datasheet HTML 6Page - STMicroelectronics STB140NF75 Datasheet HTML 7Page - STMicroelectronics STB140NF75 Datasheet HTML 8Page - STMicroelectronics STB140NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STB140NF75 - STP140NF75-1 - STP140NF75
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
75
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)75
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
120
A
ID
(1)
Drain current (continuous) at TC = 100°C
100
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
480
A
Ptot
Total dissipation at TC = 25°C
310
W
Derating Factor
2.08
W/°C
dv/dt (3)
3.
ISD ≤120A, di/dt ≤400A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
10
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID = 60A, VDD = 30V
Single pulse avalanche energy
750
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
0.48
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
TJ
Maximum lead temperature for soldering purpose(1)
1.
for 10 sec. 1.6mm from case
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com