Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEH20-2000PC4 Datasheet(PDF) 2 Page - CUI INC

Part # MEH20-2000PC4
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MEH20-2000PC4 Datasheet(HTML) 2 Page - CUI INC

  MEH20-2000PC4 Datasheet HTML 1Page - CUI INC MEH20-2000PC4 Datasheet HTML 2Page - CUI INC MEH20-2000PC4 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
2 of 3
08/14/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MEH20
OUTPUT WAVEFORM
Clockwise rotation viewed from front
T
Phase A
Phase B
Phase Z
T±T/2
H
L
H
L
H
L
T
8
T
8
±
(90˚± 45˚)
Counter Clockwise rotation viewed from front
T
Phase A
Phase B
Phase Z
T±T/2
H
L
H
L
H
L
T
8
T
8
±
(90˚± 45˚)
The position of Z phase against A, B phase is not specified
CIRCUIT CONNECTIONS
30mA
max
CABLE SHIELD
20mA
max
CABLE SHIELD
+5V
Red
A/B/Z
0V
Black
+5V
Red
A/B/Z
0V
Black
26C31
CABLE SHIELD
+5V
Red
A/B/Z
0V
Black
A/B/Z
White
Green
Yellow
White
Green
Yellow
White
Green
Yellow
White/Black
Green/Black
Yellow/Black
Voltage Output
Line Drive Output (E)
Open Collector Output (C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com