Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEH20-2000PC4 Datasheet(PDF) 1 Page - CUI INC

Part # MEH20-2000PC4
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MEH20-2000PC4 Datasheet(HTML) 1 Page - CUI INC

  MEH20-2000PC4 Datasheet HTML 1Page - CUI INC MEH20-2000PC4 Datasheet HTML 2Page - CUI INC MEH20-2000PC4 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
1 of 3
08/14/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MEH20
ELECTRICAL SPECIFICATIONS
output waveform
Square Wave
output signals
A, B, Z phase
current consumption
≤50 mA
frequency response
0~100 KHz
output phase difference
A, B phase difference 90° ± 45°
(T/4±T/8) Z phase T±T/2 (see output waveform)
supply voltage
5 V ~ 12 V dc ± 10%, 24 V dc ± 10% (open collector output only)
output resolution (ppr)
40, 60, 100, 200, 250, 256, 300, 360, 400, 500, 512,
600, 800, 1000, 1024, 1200, 1800, 2000, 2048, 2500, 3600
waveform rise/fall time
2
µ or less (outout cable 1m or less)
MECHANICAL SPECIFICATIONS
max shaft load, radial:
19.6N (2kgf)
14.7N (1.5kgf) (600-3600 ppr)
axial:
9.8N (1kgf)
4.9N (0.5kgf) (600-3600 ppr)
starting torque
2 x 10-3 NM (20 gf·cm)
max rotational speed
6000 RPM
shock resistance
500 m/s2 (50G), 3 times each on XYZ
vibration proof
55 Hz, double amplitude 1.5mm, 2 hours each on XYZ
weight
70g (with 1m cable)
cable
4.2mm outside diameter, 5 core vinyl wire insulated shield cable (1m)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-20° to +80° C
humidity
RH 35%~90% non collecting
ORDERING INSTRUCTIONS
MEH20 - XXXXPXX
Output Circuit:
" " = Voltage output
C = Open collector output
E = Line Driver
Resolution (PPR):
40 = 40 PPR
512 = 512 PPR
60 = 60 PPR
600 = 600 PPR
100 = 100 PPR
800 = 600 PPR
200 = 200 PPR 1000 = 1000 PPR
250 = 250 PPR 1024 = 1024 PPR
256 = 256 PPR 1200 = 1200 PPR
300 = 300 PPR 1800 = 1800 PPR
360 = 360 PPR 2000 = 2000 PPR
400 = 400 PPR 2048 = 2048 PPR
500 = 500 PPR 1800 = 1800 PPR
2500 = 2500 PPR
3600 = 3600 PPR
Input Voltage:
1 = 5V dc ± 10%
2 = 12V dc ± 10%
3 = 5 ~ 12V dc ± 10%
4 = 24V dc ± 10%


Similar Part No. - MEH20-2000PC4

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MEH21XAA MTRONPTI-MEH21XAA Datasheet
217Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH21XAA MTRONPTI-MEH21XAA Datasheet
247Kb / 2P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH21XAA MTRONPTI-MEH21XAA Datasheet
248Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH21XAA-R MTRONPTI-MEH21XAA-R Datasheet
247Kb / 2P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
MEH21XAA-R MTRONPTI-MEH21XAA-R Datasheet
248Kb / 1P
8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
More results

Similar Description - MEH20-2000PC4

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com