Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C56 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 93C56
Description  2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

93C56 Datasheet(HTML) 3 Page - STMicroelectronics

  93C56 Datasheet HTML 1Page - STMicroelectronics 93C56 Datasheet HTML 2Page - STMicroelectronics 93C56 Datasheet HTML 3Page - STMicroelectronics 93C56 Datasheet HTML 4Page - STMicroelectronics 93C56 Datasheet HTML 5Page - STMicroelectronics 93C56 Datasheet HTML 6Page - STMicroelectronics 93C56 Datasheet HTML 7Page - STMicroelectronics 93C56 Datasheet HTML 8Page - STMicroelectronics 93C56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.4V to 2.4V
Input Timing Reference Voltages
1V to 2.0V
Output Timing Reference Voltages
0.8V to 2.0V
AC MEASUREMENT CONDITIONS
Note that Output Hi-Z is defined as the point where data
is no longer driven.
AI00815
2.4V
0.4V
2.0V
0.8V
2V
1V
INPUT
OUTPUT
Figure 3. AC Testing Input Output Waveforms
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
5
pF
COUT
Output Capacitance
VOUT =0V
5
pF
Note: 1. Sampled only, not 100% tested.
Table 3. Capacitance (1)
(TA =25
°C, f = 1 MHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±2.5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC,
Q in Hi-Z
±2.5
µA
ICC
Supply Current (TTL Inputs)
S = VIH, f = 1 MHz
3
mA
Supply Current (CMOS Inputs)
S = VIH, f = 1 MHz
2
mA
ICC1
Supply Current (Standby)
S= VSS,C = VSS,
ORG = VSS or VCC
50
µA
VIL
Input Low Voltage (D, C, S)
VCC =5V
± 10%
–0.3
0.8
V
3V
≤ VCC ≤ 4.5V
–0.3
0.2 VCC
V
VIH
Input High Voltage (D, C, S)
VCC =5V
± 10%
2
VCC +1
V
3V
≤ VCC ≤ 4.5V
0.8 VCC
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
IOL =10
µA
0.2
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
IOH = –10
µAVCC – 0.2
V
Table 4. DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V or 3V to 5.5V)
3/13
ST93C56/56C, ST93C57C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com