Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C56 Datasheet (PDF) - STMicroelectronics

93C56 Datasheet PDF - STMicroelectronics
Part # 93C56
Download  93C56 Download
File Size   108.25 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM

93C56 Datasheet (PDF)

Go To PDF Page Download Datasheet
93C56 Datasheet PDF - STMicroelectronics

Part # 93C56
Download  93C56 Click to download

File Size   108.25 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM

93C56 Datasheet (HTML) - STMicroelectronics


93C56 Product details

DESCRIPTION

This specification covers a range of 2K bit serial EEPROM products, the ST93C56, 56C specified at 5V ± 10% and the ST93C57C specified at 3V to 5.5V. In the text, products are referred to as ST93C56.

The ST93C56 is a 2K bit Electrically Erasable Programmable Memory (EEPROM) fabricated with SGS-THOMSON’s High EnduranceSingle Polysilicon CMOS technology. The memory is accessed

through a serial input (D) and output (Q). The 2K bit memory is divided into either 256 x 8 bit bytes or 128 x 16 bit words. The organization may be selected by a signal applied on the ORG input.



1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION

DUAL ORGANIZATION: 128 x 16 or 256 x 8

BYTE/WORD and ENTIRE MEMORY PROGRAMMING INSTRUCTIONS

SELF-TIMED PROGRAMMING CYCLE with AUTO-ERASE

READY/BUSY SIGNAL DURING PROGRAMMING

SINGLE SUPPLY VOLTAGE:

   – 4.5V to 5.5V for ST93C56 version

   – 3V to 5.5V for ST93C57 version

SEQUENTIAL READ OPERATION

5ms TYPICAL PROGRAMMING TIME

ST93C56, ST93C56C, ST93C57C are replaced by the M93C56




Similar Part No. - 93C56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93C56 NSC-93C56 Datasheet
290Kb / 8P
Electrically Erasable Programmable Memories
logo
STMicroelectronics
93C56 STMICROELECTRONICS-93C56 Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
logo
ATMEL Corporation
93C56 ATMEL-93C56 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
logo
Microchip Technology
93C56 MICROCHIP-93C56 Datasheet
252Kb / 12P
2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
93C56 MICROCHIP-93C56 Datasheet
590Kb / 9P
2K/4K 5.0V CMOS Serial EEPROM
More results


Similar Description - 93C56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
Jul-1997
ST93CS56 STMICROELECTRONICS-ST93CS56 Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com