Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4468 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4468
Description  Quad 1.2A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4468 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4468 Datasheet HTML 1Page - Micrel Semiconductor MIC4468 Datasheet HTML 2Page - Micrel Semiconductor MIC4468 Datasheet HTML 3Page - Micrel Semiconductor MIC4468 Datasheet HTML 4Page - Micrel Semiconductor MIC4468 Datasheet HTML 5Page - Micrel Semiconductor MIC4468 Datasheet HTML 6Page - Micrel Semiconductor MIC4468 Datasheet HTML 7Page - Micrel Semiconductor MIC4468 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC4467/4468/4469
2
July 2005
MIC4467/4468/4469
Micrel, Inc.
on loading is that total power dissipation in the IC must be
kept within the power dissipation limits of the package.
The MIC446X series drivers are built using a BCD process.
They will not latch under any conditions within their power
and voltage ratings. They are not subject to damage when up
to 5V of noise spiking (either polarity) occurs on the ground
line. They can accept up to half an amp of inductive kickback
current (either polarity) into their outputs without damage or
logic upset.
Ordering Information
Part Number
Temperature
Range
Package
Standard
Pb-Free
MIC44xxCN*
MIC44xxZN*
0°C to +70°C
14-pin Plastic DIP
MIC44xxCWM* MIC44xxZWM*
0°C to +70°C
16-pin Wide SOIC
MIC44xxBN*
MIC44xxYN*
–40°C to +85°C
14-pin Plastic DIP
MIC44xxBWM* MIC44xxYWM*
–40°C to +85°C
16-pin Wide SOIC
Pin Configurations
Truth Table
Inputs
Output
Part No.
A
B
Y
MIC4467
L
X
H
(Each Driver)
X
L
H
H
H
L
MIC4468
H
H
H
(Each Driver)
L
X
L
X
L
L
MIC4469
L
X
L
(Each Driver)
X
H
L
H
L
H
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
3A
3B
GND
V
1Y
2Y
3Y
4Y
4B
4A
S
16-Pin Wide SOIC (WM)
1
2
3
4
5
6
7
8
16
13
12
11
10
9
1A
1B
2A
2B
3A
3B
GND
GND
V
1Y
2Y
3Y
4Y
4B
4A
S
VS
14-Pin DIP (N)
TOP VIEW
TOP VIEW
15
14
* xx identifies input logic:
67 — NAND
68 — AND
69 — AND with 1 inverting input
**Pb-Free industrial grade PDIP available in MIC4468 & MIC4469 only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com