Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4468 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4468
Description  Quad 1.2A-Peak Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4468 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4468 Datasheet HTML 1Page - Micrel Semiconductor MIC4468 Datasheet HTML 2Page - Micrel Semiconductor MIC4468 Datasheet HTML 3Page - Micrel Semiconductor MIC4468 Datasheet HTML 4Page - Micrel Semiconductor MIC4468 Datasheet HTML 5Page - Micrel Semiconductor MIC4468 Datasheet HTML 6Page - Micrel Semiconductor MIC4468 Datasheet HTML 7Page - Micrel Semiconductor MIC4468 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC4467/4468/4469
4
July 2005
MIC4467/4468/4469
Micrel, Inc.
Absolute Maximum Ratings (Notes 1 and 2)
Supply Voltage
22V
Input Voltage
(GND – 5V) to (V
S + 0.3V)
Maximum Chip Temperature
Operating
150°C
Storage
–65° to +150°C
Maximum Load Temperature
(10 sec, for soldering)
300°C
Operating Ambient Temperature
C Version
0° to +70°C
B Version
–40° to +85°C
Power Dissipation
N Package (14-Pin Plastic DIP)
1.5W
WM Package (16-Pin Wide SOIC)
1W
Package Thermal Resistance
N Package (14-Pin Plastic DIP) θ
JA
80°C/W
WM Package (16-Pin Wide SOIC) θ
JA
120°C/W
Electrical Characteristics: Measured at T
A = 25°C with 4.5V ≤ VS ≤ 18V unless otherwise specified. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
V
IH
Logic 1 Input Voltage
2.4
1.3
V
V
IL
Logic 0 Input Voltage
1.2
0.8
V
I
IN
Input Current
0 ≤ V
IN ≤ VS
–1
1
µA
OUTPUT
V
OH
High Output Voltage
I
LOAD = 10mA
V
S-0.15
V
V
OL
Low Output Voltage
I
LOAD = 10mA
0.15
V
R
O
Output Resistance
I
OUT = 10mA, VS = 18V
5
15
Ω
I
PK
Peak Output Current
1.2
A
I
Latch-Up Protection
>500
mA
Withstand Reverse Current
SWITCHING TIME
t
R
Rise Time
Test Figure 1
14
25
ns
t
F
Fall Time
Test Figure 1
13
25
ns
t
D1
Delay Time
Test Figure 1
30
75
ns
t
D2
Delay Time
Test Figure 1
45
75
ns
POWER SUPPLY
I
S
Power Supply Current
0.2
4
mA
Supply
Note 3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com