Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4682
Description  Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor MIC4682 Datasheet HTML 11Page - Micrel Semiconductor MIC4682 Datasheet HTML 12Page - Micrel Semiconductor MIC4682 Datasheet HTML 13Page - Micrel Semiconductor MIC4682 Datasheet HTML 14Page - Micrel Semiconductor MIC4682 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC4682
June 2007
13
M9999-061507
Layout Example
Figure 5b. Top Silkscreen
Figure 5d. Bottom Silkscreen
Figure 5c. Top Layer
Figure 5e. Bottom Layer
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
593D106X005D2T
Vishay Sprague
(1)
10µF/50V
2
C3, C7
VJ0805Y104KXAMT
Vishay Vitramon
(1)
0.1µF/50V
2
C5
593D227X0010D2T
Vishay Sprague
(1)
220µF/10V
1
D1
B340A
Diodes, Inc
(2)
Schottky 3A/40V
1
L1
CDRH127-680MC
Sumida
(3)
68µH, 2.1A ISAT
1
U1
MIC4682BM
Micrel, Inc.
(4)
Precision Circuit Limit Buck Regulator
1
Notes:
1. Vishay: www.vishay.com
2. Diodes, Inc.: www.diodes.com
3. Sumida: www.sumida.com
4. Micrel, Inc.: www.website.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com