Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4682
Description  Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4682 Datasheet HTML 1Page - Micrel Semiconductor MIC4682 Datasheet HTML 2Page - Micrel Semiconductor MIC4682 Datasheet HTML 3Page - Micrel Semiconductor MIC4682 Datasheet HTML 4Page - Micrel Semiconductor MIC4682 Datasheet HTML 5Page - Micrel Semiconductor MIC4682 Datasheet HTML 6Page - Micrel Semiconductor MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC4682
June 2007
3
M9999-061507
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)
(3) ....................................................38V
Shutdown Voltage (VSHDN)............................. –0.3V to +38V
Steady-State Output Switch Voltage (VSW) ....................–1V
Feedback Voltage (VFB) .................................................12V
Current Limit Set Voltage (VISET) ....................... 1.23V to 7V
Ambient Storage Temperature (Ts) ...........–65°C to +150°C
ESD Rating
(5).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)
(4, 7) ....................................... 4V to 34V
Junction Temperature Range (TJ)............. –40°C to +125°C
Thermal Resistance Impedance
SOIC (
θ
JA)
(6) .......................................................63°C/W
SOIC (
θ
JC)
(6) .......................................................20°C/W
Electrical Characteristics
VIN = 12V; IOUT = 500mA; RISET = 16.2k (1A current limit); TJ = 25°C, bold values indicate –40°C< TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
Note 4
4
34
V
Quiescent Current
VFB = 1.5V
7
12
mA
VSHDN = 5V (Regulator off)
35
100
µA
IIN
Standby Quiescent Current
VSHDN = VIN
1
µA
(±1%)
(±2%)
1.217
1.205
1.230
1.243
1.255
V
V
VFB
Feedback Voltage
8V
≤ VIN ≤ 34V, 0.1A ≤ ILOAD ≤ 0.8A
1.193
1.180
1.230
1.267
1.280
V
V
ILIM
Current Limit Accuracy,
Note 7
See Test Circuit, VOUT = 3.6V
0.9
1
1.1
A
fSW
Oscillator Frequency
180
200
220
kHz
DMAX
Maximum Duty Cycle
VFB = 1.0V
93
95
%
VSW
Switch Saturation Voltage
IOUT = 1A
1.4
1.8
V
VIN = 34V, VSHDN = 5V, VSW = 0V
2
100
µA
ISW
Switch Leakage Current
VIN = 34V, VSHDN = 5V, VSW = –1V
2
10
mA
Regulator Off
2
1.4
V
VSHDN
Shutdown Input Logic Level
Regulator On
1.25
0.8
V
VSHDN = 5V (Regulator Off)
–10
–0.5
1
µA
ISHDN
Shutdown Input Current
VSHDN = 0V (Regulator On)
–10
–0.5
1
µA
TJ
Thermal Shutdown
160
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Absolute maximum rating is intended for voltage transients only; prolonged DC operation is not recommended.
4. VIN(MIN) = VOUT + 2.5V or 4V whichever is greater.
5. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
6. Measured on 1.5” square of 1oz. copper FR4 printed circuit board connected to the device ground leads.
7. Short circuit protection is guaranteed to VIN = 30V max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com