Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5014 Datasheet HTML 1Page - Micrel Semiconductor MIC5014 Datasheet HTML 2Page - Micrel Semiconductor MIC5014 Datasheet HTML 3Page - Micrel Semiconductor MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5014/5015
Micrel, Inc.
MIC5014/5015
2
June 2005
Block Diagram
Charge Pump
V+ (1)
*
Input (2)
Ground (4)
Source (3)
Gate (5)
15V
* Only on the inverting version
Pin Description
Pin Number
Pin Name
Pin Function
1V+
Supply. Must be decoupled to isolate from large transients caused by the
power MOSFET drain. 10µF is recommended close to pins 1 and 4.
2
Input
Turns on power MOSFET when taken above (or below) threshold (1.0V
typical). Pin 2 requires ~ 1µA to switch.
3
Source
Connects to source lead of power MOSFET and is the return for the gate
clamp zener. Pin 3 can safely swing to –20V when turning off inductive
loads.
4
Ground
5
Gate
Drives and clamps the gate of the power MOSFET.
6, 7, 8
NC
Not internally connected.
Ordering Information
Part Number
Temperature
Standard
Pb-Free
Range
Configuration
Package
MIC5014BM
MIC5014YM
–40ºC to +85ºC
Non-Inverting
8-Pin SOIC
MIC5014BN
MIC5014YN
–40ºC to +85ºC
Non-Inverting
8-Pin PDIP
MIC5015BM
MIC5015YM
–40ºC to +85ºC
Inverting
8-Pin SOIC
MIC5015BN
MIC5015YN
–40ºC to +85ºC
Inverting
8-Pin PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com