Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5014 Datasheet HTML 1Page - Micrel Semiconductor MIC5014 Datasheet HTML 2Page - Micrel Semiconductor MIC5014 Datasheet HTML 3Page - Micrel Semiconductor MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5014/5015
Micrel, Inc.
June 2005
3
MIC5014/5015
Absolute Maximum Ratings (Notes 1,2)
Operating Ratings (Notes 1,2)
Electrical Characteristics (Note 3) T
A = –40
°C to +85°C unless otherwise specified
Supply Voltage ............................................... –20V to 60V
Input Voltage ..................................................... –20V to V+
Source Voltage .................................................. –20V to V+
Source Current .......................................................... 50mA
Gate Voltage .................................................. –20V to 50V
Junction Temperature .............................................. 150°C
θ
JA (Plastic DIP) ..................................................... 160°C/W
θ
JA (SOIC) ............................................................. 170°C/W
Ambient Temperature: ................................ –40°C to +85°C
Storage Temperature ................................ –65°C to +150°C
Lead Temperature ...................................................... 260°C
(max soldering time: 10 seconds)
Supply Voltage (V+) ......................................... 2.75V to 30V
Parameter
Conditions
Min
Typ
Max
Units
Supply Current
V+ = 30V
VIN De-Asserted (Note 5)
10
25
µA
VIN Asserted (Note 5)
5.0
10
mA
V+ = 5V
VIN De-Asserted
10
25
µA
VIN Asserted
60
100
V+ = 3V
VIN De-Asserted
10
25
µA
VIN Asserted
25
35
Logic Input Voltage Threshold
3.0V ≤ V+ ≤ 30V
Digital Low Level
0.8
VIN
TA = 25°CDigital High Level
2.0
V
Logic Input Current
3.0V ≤ V+ ≤ 30V
VIN Low
–2.0
0
µA
MIC5014 (non-inverting)
VIN High
1.0
2.0
Logic Input Current
3.0V ≤ V+ ≤ 30V
VIN Low
–2.0
–1.0
µA
MIC5015 (inverting)
VIN High
–1.0
2.0
Input Capacitance
5.0
pF
Gate Enhancement
3.0V ≤ V+ ≤ 30V
VIN Asserted
4.0
17
V
VGATE – VSUPPLY
Zener Clamp
8.0V ≤ V
+ ≤ 30V
VIN Asserted
13
15
17
V
VGATE – VSOURCE
Gate Turn-on Time, tON
V+ = 4.5V
VIN switched on, measure
2.5
8.0
ms
(Note 4)
CL = 1000pF
time for VGATE to reach V+ + 4V
V+ = 12V
As above, measure time for
90
140
µs
CL = 1000pF
VGATE to reach V+ + 4V
Gate Turn-off Time, tOFF
V+ = 4.5V
VIN switched off, measure
6.0
30
µs
(Note 4)
CL = 1000pF
time for VGATE to reach 1V
V+ = 12V
As above, measure time for
6.0
30
µs
CL = 1000pF
VGATE to reach 1V
Overvoltage Shutdown
35
37
41
V
Threshold
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply
when operating the device beyond its specified Operating Ratings.
Note 2: The MIC5014/5015 is ESD sensitive.
Note 3: Minimum and maximum Electrical Characteristics are 100% tested at TA = 25°C and TA = 85°C, and 100% guaranteed over the
entire operating temperature range. Typicals are characterized at 25°C and represent the most likely parametric norm.
Note 4: Test conditions reflect worst case high-side driver performance. Low-side and bootstrapped topologies are significantly faster—see
Applications Information.
Note 5: “Asserted” refers to a logic high on the MIC5014 and a logic low on the MIC5015.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com