Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC79110
October 2007
2
M9999-102507
Ordering Information
Part Number
Standard
Marking
Pb-Free
Marking
Voltage
Junction
Temp. Range
Package
MIC79110-4.2BML
L942
MIC79110-4.2YML
L942*
4.2V
–40° to +125°C
10-pin 3×3 MLF
®
MIC79110BML
L9AA
MIC79110YML
L9AA*
Adj.
–40° to +125°C
10-pin 3×3 MLF
®
* Pb-Free “Y” indicator is added to the device mark after LOGO.
Pin Configuration
VIN
VIN
5
1
SD
RSET
SNS
BAT
10 GND
REOC
DEOC
ACHG
9
8
7
2
3
4
6
VIN
VIN
5
1
SD
RSET
ADJ
BAT
10 GND
REOC
DEOC
ACHG
9
8
7
2
3
4
6
Fixed Output
10-Pin 3mm × 3mm MLF
® (ML)
Adjustable Output
10-Pin 3mm × 3mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
SD
Shutdown Input. Logic High = Off; Logic Low = On.
2
RSET
Current limit: Sets constant current limit via an external resistor to ground.
IRSET = (0.2V/RSET) × 1000.
3
SNS
(Fixed voltage only): Sense output, connect directly to battery.
3
ADJ
(Adjustable voltage only): Feedback input.
4
BAT
Battery Terminal. Connect to single-cell lithium-ion battery.
5, 6
VIN
Input supply pin.
7
ACHG
Analog Charge Indicator Output: Current source who’s output current is equal to
1/1000 of the BAT pin current.
8
DEOC
Digital End-of-Charge Output: N-Ch open drain output. Low indicates charging,
a current that is higher than the programmed current set by REOC is charging the
battery. When the current drops to less than the current set by REOC, the output
goes high impedance, indicating end-of-charge.
9
REOC
End-of-Charge Set: Sets end-of-charge current threshold via an external resistor
to ground. IEOC = (0.2V/REOC) × 1000.
10
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com