Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC79110
October 2007
3
M9999-102507
Absolute Maximum Ratings
(1)
Input Supply Voltage (VIN).................................... 0V to 18V
Shutdown Input Voltage (V) ................................. 0V to 10V
Output Voltage (ADJ) .....................................................10V
Power Dissipation ...................................Internally Limited
Junction Temperature ...............................–40°C to +125°C
Operating Ratings
(2)
Input Supply Voltage ........................................ 2.5V to 16V
Shutdown Input Voltage (V) ................................... 0V to 7V
Output Voltage (ADJ) ....................................................9.6V
Junction Temperature Range (TJ).............–40°C to +125°C
θJA (MLF-10) .......................................................... 60°C
θJC (MLF-10) ............................................................ 2°C
Electrical Characteristics
(4)
TA = 25°C with VIN = VOUT + 1V; ILOAD = 100µA; CBATT = 10µF; SD = 0V; RSET=1kΩ. Bold values indicate –40ºC < TJ < +125°C; unless
otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from VOUT = 4.2V; TJ = –5°C to +60°C; ILOAD = 50mA
-0.75
-1.5
+0.75
+1.5
%
%
ADJ Pin Voltage Accuracy
0.5955
0.6
0.6045
V
Line Regulation
VIN = VOUT + 1V to 16V @ ILOAD = 50mA
-0.1
+0.1
%/V
Load Regulation
ILOAD = 0.1mA to 1A
0.3
%
ILOAD = 100mA, RSET = 167Ω
160
250
mV
Dropout Voltage(3)
ILOAD = 700mA, RSET = 167Ω
375
550
mV
ILOAD = 10mA, RSET = 167Ω
2
3
mA
Ground Current
ILOAD = 700mA, RSET = 167Ω
24
35
mA
VIN Pin Current
SD = VIN
120
300
µA
Shutdown Pin Current
SD = 5.2V, VBAT = 0
0.1
5
µA
Logic High, regulator off
1.1
V
Shutdown Input Threshold
Logic Low, regulator on
0.9
V
Shutdown Hysteresis
60
mV
Current Limit Accuracy
(4, 5)
VOUT = 0.9 × VNOM; IOUT = 1.2A,
RSET = 167Ω, TJ = –40°C to +85°C
VOUT = 0.9 × VNOM; IOUT = 0.1A,
RSET = 2kΩ
-5
-20
+5
+20
%
%
Current Limit Setpoint
Range
(5)
0.1
1.2
A
Maximum Current Limit
RSET shorted to ground, VBAT = 0.9 × VNOM
1.25
1.65
2.5
A
VBAT Reverse Current
VIN = High impedance or ground
4.2
20
µA
Digital End–of–Charge (DEOC) Output
IEOC
(6, 7)
REOC = 4kΩ Current Falling
35
30
50
65
70
mA
mA
IEOC
(6, 7)
REOC = 4kΩ Current Rising
50
40
70
95
100
mA
mA
DEOC Logic–Low Voltage
IDEOC = 5mA, IBAT = 700mA
0.74
0.95
V
DEOC Leakage Current
Logic High = VIN = 16V
0.1
µA
DEOC On Resistance
VIN = +5V
150
190
Ω
REOC Maximum Current Limit
REOC shorted to ground
0.5
1.0
2.0
mA
Analog Charge Indicator (ACHG) Output
ISOURCE
(8)
IBAT = 50mA
37
46
55
µA
IBAT = 1.2A, TJ = –40°C to +85°C
800
950
1150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com