Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C46CM6TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST93C46CM6TR
Description  1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C46CM6TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST93C46CM6TR Datasheet HTML 5Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 6Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 7Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 8Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 9Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 10Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 11Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 12Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
READY/BUSY Status
During every programming cycle (after a WRITE,
ERASE, WRAL or ERAL instruction) the Data Out-
put (Q) indicates the Ready/Busy status of the
memory when the Chip Select is driven High. Once
the ST93C46 is Ready, the Data Output is set to ’1’
until a new start bit is decoded or the Chip Select
is brought Low.
COMMON I/O OPERATION
The Data Output (Q) and Data Input (D) signals can
be connected together, through a current limiting
resistor, to form a common, one wire data bus.
Some precautions must be taken when operating
the memory with this connection, mostly to prevent
a short circuit between the last entered address bit
(A0) and the first data bit output by Q. The reader
should refer to the SGS-THOMSON application
note ”MICROWIRE EEPROM Common I/O Opera-
tion”.
DIFFERENCES BETWEEN ST93C46A AND
ST93C46C
The ST93C46C is an enhanced version of the
ST93C46A and offers the following extra features:
– Enhanced ESD voltage
– Functional security filtering glitches on the
clock input (C).
Refer to Table 2 (Absolute Maximum Ratings) for
more about ESD limits. The following description
will detail the Clock pulses counter (available only
on the ST93C46C).
In a normal environment, the ST93C46 is expected
to receive the exact amount of data on the D input,
that is the exact amount of clock pulses on the C
input.
In a noisy environment, the amount of pulses re-
ceived (on the clock input C) may be greater than
the clock pulsesdelivered by the Master (Microcon-
troller) driving the ST93C46C. In such a case, a
part of the instruction is delayed by one bit (see
Figure 9), and it may induce an erroneous write of
data at a wrong address.
The ST93C46C has an on-board counter which
counts the clock pulses from the Start bit until the
falling edge of the Chip Select signal. For the
WRITE instructions, the number of clock pulses
incoming to the counter must be exactly 18 (with
the Organisation by 8) from the Start bit to the
falling edge of Chip Select signal (1 Start bit + 2 bits
of Op-code + 7 bits of Address + 8 bits of Data =
18): if so, the ST93C46C executes the WRITE
instruction; if the number of clock pulses is not
equal to 18, the instruction will not be executed
(and data will not be corrupted).
In the same way, when the Organisation by 16 is
selected, the number of clock pulses incoming to
the counter must be exactly 25 (1 Start bit + 2 bits
of Op-code + 6 bits of Address + 16 bits of Data =
25) from the Start bit to the falling edge of Chip
Select signal: if so, the ST93C46C executes the
WRITE instruction; if the number of clock pulses is
not equal to 25, the instruction will not be executed
(and data will not be corrupted). The clock pulse
counter is active only on ERASE and WRITE in-
structions (WRITE, ERASE, ERAL, WRALL).
AI00880C
S
WRITE
ALL
DATA IN
D
Q
ADDR
OP
CODE
Dn
D0
BUSY
READY
CHECK
STATUS
10 0
0
1 Xn X0
Figure 8. WRAL Sequence
Note: 1. Xn: n = 3 for x16 org. and 4 for x8 org.
9/13
ST93C46A/46C/46T, ST93C47C/47T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com