Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C46CM6TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST93C46CM6TR
Description  1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C46CM6TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST93C46CM6TR Datasheet HTML 5Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 6Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 7Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 8Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 9Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 10Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 11Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 12Page - STMicroelectronics ST93C46CM6TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ORDERING INFORMATION SCHEME
Operating Voltage
46 4.5V to 5.5V
47 3V to 5.5V
Revision
A
(1) CMOS F3
C
CMOS F4
T
CMOS F3
90
° Turn pin out
Package
B
(2) PSDIP8
0.4 mm Frame
M SO8
150mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3
(3) –40 to 125
°C
Option
013TR Tape & Reel
Packing
(A, T ver.)
TR
Tape & Reel
Packing
(C version)
Example:
ST93C46A
M
1
013TR
Notes: 1. Revision ”A” is not available for the ST93C47 product.
2. ST93C46CB1 is available in 0.25mm lead Frame only.
3. Temperature range on special request only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFFFh for x16, FFh for x8).
For a list of available options (Operating Voltage, Package, etc...) or for further information on any aspect
of this device, please contact the SGS-THOMSON Sales Office nearest to you.
AI01395
S
An-1
C
D
WRITE
START
D0
”1”
”0”
An
Glitch
An-2
ADDRESS AND DATA
ARE SHIFTED BY ONE BIT
Figure 9. WRITE Sequence with One Clock Glitch
10/13
ST93C46A/46C/46T, ST93C47C/47T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com