Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2P09M Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT2P09M
Description  COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT2P09M Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT2P09M Datasheet HTML 1Page - Isahaya Electronics Corporation RT2P09M Datasheet HTML 2Page - Isahaya Electronics Corporation RT2P09M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
RT2P09M is a composite transistor with built-in bias resistor
FEATURE
●Built-in bias resistor ( R1=2.2 KΩ , R2=47KΩ )
●Mini package for easy mounting
APPLICATION
Inverted circuit , switching circuit , interface circuit , driver circuit
RT2P09M
COMPOSITE TRANSISTOR WITH RESISTOR
FOR SWITCHING APPLICATION
SILICON PNP EPITAXIAL TYPE
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS (Ta=25℃)
(RTr1、RTr2)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
-50
V
VEBO
Emitter to Base voltage
-6
V
VCEO
Collector to Emitter voltage
-50
V
I C
Collector current
-100
mA
I CM
Peak Collector current
-200
mA
PC
Collector dissipation(Total Ta=25℃)
150
mW
Tj
Junction temperature
+150
℃
Tstg
Storage temperature
-55∼+150
℃
TERMINAL CONNECTOR
①:BASE1
②:EMITTER(COMMON)
③:BASE2
④:COLLECTOR2
⑤:COLLECTOR1
JEITA:SC-88A
R1
R2
R1
R2
RTr2
RTr1
①
②
③
④
⑤
1.25
2.1
①
②
③
⑤
④
ISAHAYA ELECTRONICS CORPORATION
MARKING
P D
①
② ③
⑤
④


Similar Part No. - RT2P09M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT2P03M ISAHAYA-RT2P03M Datasheet
54Kb / 3P
COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - RT2P09M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT2P21M ISAHAYA-RT2P21M Datasheet
111Kb / 3P
COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
RT2P20M ISAHAYA-RT2P20M Datasheet
53Kb / 3P
COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
RT2P03M ISAHAYA-RT2P03M Datasheet
54Kb / 3P
COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P77M ISAHAYA-RT3P77M Datasheet
176Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PDDM ISAHAYA-RT3PDDM Datasheet
175Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PRRM ISAHAYA-RT3PRRM Datasheet
163Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TBBM ISAHAYA-RT3TBBM Datasheet
182Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TCCM ISAHAYA-RT3TCCM Datasheet
211Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com