Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2P09M Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT2P09M
Description  COMPOSITE TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON PNP EPITAXIAL TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT2P09M Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT2P09M Datasheet HTML 1Page - Isahaya Electronics Corporation RT2P09M Datasheet HTML 2Page - Isahaya Electronics Corporation RT2P09M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT2P09M
COMPOSITE TRANSISTOR WITH RESISTOR
FOR SWITCHING APPLICATION
SILICON PNP EPITAXIAL TYPE
ELECTRICAL CHARACTERISTICS (Ta=25℃)
(RTr1、RTr2)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)CBO
Collector to Emitter break down voltage
I C=-100μA,RBE=∞
-50
-
-
V
ICBO
Collector cut off current
VCB=-50V,I E =0
-
-
-0.1
μA
hFE
DC forward current gain
VCE=-5V,I C=-10mA
80
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
I C=-10mA,I B=-0.5mA
-
-0.1
-0.3
V
VI(ON)
Input on voltage
VCE=-0.2V,I C=-5mA
-
-0.7
-1.1
V
VI(OFF)
Input off voltage
VCE=-5V,I C=-100μA
-0.5
-0.6
-
V
R1
Input resistor
1.5
2.2
2.9
KΩ
R2/R1
Resistor ratio
-
22
-
-
fT
Gain band width product
VCE=-6V,I E=10mA
150
MHz
TYPICAL CHARACTERISTICS (Tr1、Tr2)
ISAHAYA ELECTRONICS CORPORATION
COLLECTOR CURRENT
VS.INPUT OFF VOLTAGE
-10
-100
-1000
-2
-1.6
-1.2
-0.8
-0.4
0
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=-5V
INPUT ON VOLTAGE
VS.COLLECTOR CURRENT
-0.1
-1
-10
-1
-10
-100
COLLECTOR CURRENT IC(mA)
VCE=-0.2V
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
10
100
1000
-1
-10
-100
COLLECTOR CURRENT I
C(
mA)
VCE=-5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com