Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40NF10L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB40NF10L
Description  N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NF10L Datasheet(HTML) 1 Page - STMicroelectronics

  STB40NF10L Datasheet HTML 1Page - STMicroelectronics STB40NF10L Datasheet HTML 2Page - STMicroelectronics STB40NF10L Datasheet HTML 3Page - STMicroelectronics STB40NF10L Datasheet HTML 4Page - STMicroelectronics STB40NF10L Datasheet HTML 5Page - STMicroelectronics STB40NF10L Datasheet HTML 6Page - STMicroelectronics STB40NF10L Datasheet HTML 7Page - STMicroelectronics STB40NF10L Datasheet HTML 8Page - STMicroelectronics STB40NF10L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2001
STB40NF10L
N-CHANNEL 100V - 0.028
Ω - 40A D2PAK
LOW GATE CHARGE STripFET™ POWER MOSFET
(1) Starting Tj = 25°C, ID = 20A, VDD = 40V
s
TYPICAL RDS(on) = 0.028Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
This Power Mosfet series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
s
AUTOMOTIVE
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB40NF10L
100 V
< 0.033
Ω
40 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 15
V
ID
Drain Current (continuos) at TC = 25°C
40
A
ID
Drain Current (continuos) at TC = 100°C
25
A
IDM (q)
Drain Current (pulsed)
160
A
PTOT
Total Dissipation at TC = 25°C
150
W
Derating Factor
1
W/°C
EAS (1)
Single Pulse Avalanche Energy
430
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB40NF10L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB40NF10LT4 VBSEMI-STB40NF10LT4 Datasheet
2Mb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STB40NF10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com