Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40NF10L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB40NF10L
Description  N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NF10L Datasheet(HTML) 5 Page - STMicroelectronics

  STB40NF10L Datasheet HTML 1Page - STMicroelectronics STB40NF10L Datasheet HTML 2Page - STMicroelectronics STB40NF10L Datasheet HTML 3Page - STMicroelectronics STB40NF10L Datasheet HTML 4Page - STMicroelectronics STB40NF10L Datasheet HTML 5Page - STMicroelectronics STB40NF10L Datasheet HTML 6Page - STMicroelectronics STB40NF10L Datasheet HTML 7Page - STMicroelectronics STB40NF10L Datasheet HTML 8Page - STMicroelectronics STB40NF10L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STB40NF10L
Normalized Gate Threshold Voltage vs
Temperature
Source-drain Diode Forward Characteristics
Normalized On Resistance vs Temperature
Normalized Drain-Source Breakdown vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com