Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150473630EC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 150473630EC
Description  Flame Retardant Wrap and Fill Axial Leaded Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150473630EC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  150473630EC Datasheet HTML 1Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 2Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 3Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 150 Axial Leaded Metallized Polyester
The Type 150 series axial lead metallized polyester
non inductive capacitors are available in bulk or on tape
and reel for automatic insertion. Type 150 is a general
purpose capacitor for use in blocking, bypass, decou-
pling, smoothing and some timing applications.
Flame Retardant Wrap and Fill Axial Leaded Capacitors
Highlights
Available on tape and reel or bulk
Epoxy end fill meets UL94V-0
Non inductively wound
Flame retardant outer wrap meets UL510
Non polar
•
•
•
•
•
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Tempeature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
0.001 µF to 10.0 µF
63 to 1000 Vdc (40 to 250 Vac @ 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +125 ºC (derate linearly to 50% rated
voltage at 125 ºC)
1.6 x rated voltage for 2 s @ +25 ºC ±5 ºC
tgδ x 10–4 at +25 ºC ±5 ºC
kHz
C ≤0.1 µF 0.1 µF <C ≤1 µF
C >1 µF
1
80
80
100
10
150
150
—
100
250
—
—
Insulation Resistance:
Self Inductance:
Life Test:
Damp Heat Test:
Soldering:
Long Term Storage Stability:
Maximum Pulse Rise Time dv/dt and Pulse:
Characteristic (Wo):
10,000 MΩ x µF, 30,000 MΩ Min.
1 nH max. per 1 mm lead and body length
1000 hrs @ 85 ºC 1.25 x Vn
95% RH @ +45 ºC for 21 days
260 ºC ±5 ºC for 10 s ±1 s
ΔC/C ≤ ±3% after 2 years
V/n
L Max
16.5
19 - 20.5 26.5 - 5.28 31.5 - 33
dV/dt (V/µsec)
W
O (V
2
/µsec)
50 - 63
4
2
1.5
1
504
252
189
126
100
5
3
2
1
1,000
600
400
300
250
10
7
4
2.5
5,000
3,500
2,000
1,250
400
13.5
10
6.5
4
10,800
8,000
5,200
3,200
630
20
15
10
6
25,200
18,900
12,600
7,500
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 150473630EC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
150473J1000HE1 CDE-150473J1000HE1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
150473J250AA1 CDE-150473J250AA1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
150473J250BB1 CDE-150473J250BB1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
150473J400DB1 CDE-150473J400DB1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
150473J630EC1 CDE-150473J630EC1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
More results

Similar Description - 150473630EC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
04-Dec-03
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
Metallized Polyester Film Capacitors, Wrap-and-Fill
12-Mar-09
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com