Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150473630EC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 150473630EC
Description  Flame Retardant Wrap and Fill Axial Leaded Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150473630EC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  150473630EC Datasheet HTML 1Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 2Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 3Page - List of Unclassifed Manufacturers 150473630EC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 150 Axial Leaded Metallized Polyester
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Outline Drawing
Tape and Reel Specifications
L Max
Lead Spacing
Distance Between
Class
(Body Lengty)
Reel Flanges
Inches
mm
Inches
mm
Inches
mm
≤.433
≤11
2.06
52.4
3
75
1
.551 - .808 14 - 20.5
2.5
63.6
3.4
86
2
≥1.03
≥26
2.87
73
3.7
95
3
^Add class number (1, 2, or 3) to catalog number to indicate tape and reel
Diameter
Quantity per Reel
Inches
mm
0.197
5
3,000
.236 thru .256
6.0 trhu 6.5
1,200
0.276
7
1,100
.315 thru .346
8 thru 8.5
800
.354 thru .413
9 thru 10.5
500
.433 thru .512
11 thru 13
300
.551 thru .571
14 thru 14.5
200
>.571
>14.5
Not available
Tinned Copper Leads
D
Max.
L Max.
1.58” ±0.2
(40 ±5 mm)
1.58” ±0.2
(40 ±5 mm)
Ød ±.002
±0.05 mm
Catalog
Cap
Inches Max
Millimeters Max
Catalog
Cap
Inches Max
Millimeters Max
Part Number
(µF)
D
L
Ød
D
L
Ød
Part Number
(µF)
D
L
Ød
D
L
Ød
63 Vdc/40 Vac
150274*100CB^
0.270
0.256 0.650 0.024
6.5
16.5 0.6
150154*63AA^
0.150
0.197 0.433 0.024
5.0
11.0 0.6
150334*100EB^
0.330
0.315 0.650 0.031
8.0
16.5 0.8
150154*63BB^
0.150
0.236 0.650 0.024
6.0
16.5 0.6
150394*100EB^
0.390
0.315 0.650 0.031
8.0
16.5 0.8
150184*63AA^
0.180
0.197 0.433 0.024
5.0
11.0 0.6
150474*100DC^
0.470
0.276 0.807 0.031
7.0
20.5 0.8
150184*63BB^
0.180
0.236 0.650 0.024
6.0
16.5 0.6
150564*100EC^
0.560
0.315 0.807 0.031
8.0
20.5 0.8
150224*63BB^
0.220
0.236 0.650 0.024
6.0
16.5 0.6
150684*100FC^
0.680
0.335 0.807 0.031
8.5
20.5 0.8
150274*63BB^
0.270
0.236 0.650 0.024
6.0
16.5 0.6
150824*100HC^
0.820
0.374 0.807 0.031
9.5
20.5 0.8
150334*63BB^
0.330
0.236 0.650 0.024
6.0
16.5 0.6
150105*100IC^
1.000
0.394 0.807 0.031 10.0 20.5 0.8
150394*63CB^
0.390
0.256 0.650 0.024
6.5
16.5 0.6
100 Vdc/63 Vac
150474*63DB^
0.470
0.276 0.650 0.024
7.0
16.5 0.6
150155*100IE^
1.500
0.394 1.102 0.031 10.0 28.0 0.8
150564*63DB^
0.560
0.276 0.650 0.024
7.0
16.5 0.6
150225*100LE^
2.200
0.453 1.102 0.031 11.5
28.0 0.8
150684*63DC^
0.680
0.276 0.807 0.024
7.0
20.5 0.6
150335*100PE^
3.300
0.531 1.102 0.031 13.5 28.0 0.8
150824*63EC^
0.820
0.315 0.807 0.031
8.0
20.5 0.8
150475*100RF^
4.700
0.591 1.299 0.031 15.0 33.0 0.8
150105*63EC^
1.000
0.315 0.807 0.031
8.0
20.5 0.8
150685*100WF^
6.800
0.689 1.299 0.031 17.5 33.0 0.8
150155*63HC^
1.500
0.374 0.807 0.031
9.5
20.5 0.8
150106*100YF^
10.000 0.807 1.299 0.031 20.5 33.0 0.8
150225*63HE^
2.200
0.374 1.102 0.031
9.5
28.0 0.8
250 Vdc/160 Vac
150335*63KE^
3.300
0.433 1.102 0.031 11.0
28.0 0.8
150123*250AA^
0.012
0.197 0.433 0.024
5.0
11.0 0.6
150475*63ME^
4.700
0.492 1.102 0.031 12.5 28.0 0.8
150123*250BB^
0.012
0.236 0.650 0.024
6.0
16.5 0.6
150685*63QF^
6.800
0.571 1.299 0.031 14.5 33.0 0.8
150153*250AA^
0.015
0.197 0.433 0.024
5.0
11.0 0.6
150106*63TF^
10.000 0.610 1.299 0.031 15.5 33.0 0.8
150153*250BB^
0.015
0.236 0.650 0.024
6.0
16.5 0.6
100 Vdc/63 Vac
150183*250AA^
0.018
0.197 0.433 0.024
5.0
11.0 0.6
150683*100AA^
0.068
0.197 0.433 0.024
5.0
11.0 0.6
150183*250BB^
0.018
0.236 0.650 0.024
6.0
16.5 0.6
150683*100BB^
0.068
0.236 0.650 0.024
6.0
16.5 0.6
150223*250AA^
0.022
0.197 0.433 0.024
5.0
11.0 0.6
150823*100AA^
0.082
0.197 0.433 0.024
5.0
11.0 0.6
150223*250BB^
0.022
0.236 0.650 0.024
6.0
16.5 0.6
150823*100BB^
0.082
0.236 0.650 0.024
6.0
16.5 0.6
150273*250AA^
0.027
0.197 0.433 0.024
5.0
11.0 0.6
150104*100AA^
0.100
0.197 0.433 0.024
5.0
11.0 0.6
150273*250BB^
0.027
0.236 0.650 0.024
6.0
16.5 0.6
150104*100BB^
0.100
0.236 0.650 0.024
6.0
16.5 0.6
* Indicates capacitance tolerance
^If ordering tape and reel,
150124*100BB^
0.120
0.236 0.650 0.024
6.0
16.5 0.6
J = ±5%, K = ±10%, M = ±20%
insert 1, 2, or 3.
150154*100BB^
0.150
0.236 0.650 0.024
6.0
16.5 0.6
See tape & reel specifications to determine which class applies.
150184*100CB^
0.180
0.256 0.650 0.024
6.5
16.5 0.6
Part Number highlighted in yellow, available until stock is depleted.
150224*100CB^
0.220
0.256 0.650 0.024
6.5
16.5 0.6
Replacement part number with “BB” case size.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com